Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8306AR Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD8306AR
Description  Limiting-Logarithmic Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8306AR Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD8306AR Datasheet HTML 3Page - Analog Devices AD8306AR Datasheet HTML 4Page - Analog Devices AD8306AR Datasheet HTML 5Page - Analog Devices AD8306AR Datasheet HTML 6Page - Analog Devices AD8306AR Datasheet HTML 7Page - Analog Devices AD8306AR Datasheet HTML 8Page - Analog Devices AD8306AR Datasheet HTML 9Page - Analog Devices AD8306AR Datasheet HTML 10Page - Analog Devices AD8306AR Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. A
AD8306
–7–
PRODUCT OVERVIEW
The AD8306 is built on an advanced dielectrically-isolated
complementary bipolar process using thin-film resistor technol-
ogy for accurate scaling. It follows well-developed foundations
proven over a period of some fifteen years, with constant refine-
ment. The backbone of the AD8306 (Figure 19) comprises a
chain of six main amplifier/limiter stages, each having a gain of
12.04 dB (
×4) and small-signal –3 dB bandwidth of 850 MHz.
The input interface at INHI and INLO (Pins 4 and 5) is fully
differential. Thus it may be driven from either single-sided or
balanced inputs, the latter being required at the very top end of
the dynamic range, where the total differential drive may be as
large as 4 V in amplitude.
The first six stages, also used in developing the logarithmic
RSSI output, are followed by a versatile programmable-output,
and thus programmable-gain, final limiter section. Its open-
collector outputs are also fully differential, at LMHI and LMLO
(Pins 12 and 13). This output stage provides a gain of 18 dB
when using equal valued load and bias setting resistors and the
pin-to-pin output is used. The overall voltage gain is thus 90 dB.
When using RLIM = RLOAD = 200 Ω, the additional current
consumption in the limiter is approximately 2.8 mA, of which
2 mA goes to the load. The ratio depends on RLIM (for example,
when 20
Ω, the efficiency is 90%), and the voltage at the pin
LMDR is rather more than 400 mV, but the total load current
is accurately (400 mV)/RLIM.
The rise and fall times of the hard-limited (essentially square-
wave) voltage at the outputs are typically 0.6 ns, when driven by
a sine wave input having an amplitude of 316
µV or greater, and
RLOAD = 50 Ω. The change in time-delay (“phase skew”) over
the input range –73 dBV (316
µV in amplitude, or –60 dBm in
50
Ω) to –3 dBV (1 V or +10 dBm) is ±56 ps (±2° at 100 MHz).
12dB
LIM
DET
12dB
DET
DET
4
DET
LADR ATTEN
INHI
INLO
I–V
BIAS
CTRL
TEN DETECTORS SPACED 12dB
INTERCEPT
TEMP COMP
BAND-GAP
REFERENCE
ENBL
GAIN
BIAS
LMHI
LMLO
LMDR
VLOG
FLTR
SIX STAGES TOTAL GAIN 72dB
TYP GAIN 18dB
SLOPE
BIAS
12dB
Figure 19. Main Features of the AD8306
The six main cells and their associated full-wave detectors,
having a transconductance (gm) form, handle the lower part of
the dynamic range. Biasing for these cells is provided by two
references, one of which determines their gain, the other being a
band-gap cell which determines the logarithmic slope, and sta-
bilizes it against supply and temperature variations. A special
dc-offset-sensing cell (not shown in Figure 19) is placed at the
end of this main section, and used to null any residual offset at
the input, ensuring accurate response down to the noise floor.
The first amplifier stage provides a short-circuited voltage-noise
spectral-density of 1.07 nV/
√Hz.
The last detector stage includes a modification to temperature-
stabilize the log-intercept, which is accurately positioned so as
to make optimal use of the full output voltage range. Four fur-
ther “top end” detectors are placed at 12.04 dB taps along a
passive attenuator, to handle the upper part of the range. The
differential current-mode outputs of all ten detectors stages are
summed with equal weightings and converted to a single-sided
voltage by the output stage, generating the logarithmic (or RSSI)
output at VLOG (Pin 16), nominally scaled 20 mV/dB (that is,
400 mV per decade). The junction between the lower and upper
regions is seamless, and the logarithmic law-conformance is
typically well within
±0.4 dB over the 80 dB range from –80 dBV
to 0 dBV (–67 dBm to +13 dBm).
The full-scale rise time of the RSSI output stage, which operates
as a two-pole low-pass filter with a corner frequency of 3.5 MHz,
is about 200 ns. A capacitor connected between FLTR (Pin 10)
and VLOG can be used to lower the corner frequency (see be-
low). The output has a minimum level of about 0.34 V (corre-
sponding to a noise power of –78 dBm, or 17 dB above the
nominal intercept of –95 dBm). This rather high baseline level
ensures that the pulse response remains unimpaired at very low
inputs.
The maximum RSSI output depends on the supply voltage and
the load. An output of 2.34 V, that is, 20 mV/dB
× (9 + 108) dB, is
guaranteed when using a supply voltage of 4.5 V or greater and
a load resistance of 50
Ω or higher, for a differential input of
9 dBV (a 4 V sine amplitude, using balanced drives). When
using a 3 V supply, the maximum differential input may still be
as high as –3 dBV (1 V sine amplitude), and the corresponding
RSSI output of 2.1 V, that is, 20 mV/dB
× (–3 + 108) dB is also
guaranteed.
A fully-programmable output interface is provided for the hard-
limited signal, permitting the user to establish the optimal output
current from its differential current-mode output. Its magnitude
is determined by the resistor RLIM placed between LMDR (Pin
9) and ground, across which a nominal bias voltage of ~400 mV
appears. Using RLIM = 200 Ω, this dc bias current, which is
commutated alternately to the output pins, LMHI and LMLO,
by the signal, is 2 mA. (The total supply current is somewhat
higher).
These currents may readily be converted to voltage form by the
inclusion of load resistors, which will typically range from a few
tens of ohms at 400 MHz to as high as 2 k
Ω in lower frequency
applications. Alternatively, a resonant load may be used to extract
the fundamental signal and modulation sidebands, minimizing
the out-of-band noise. A transformer or impedance matching
network may also be used at this output. The peak voltage swing
down from the supply voltage may be 1.2 V, before the output
transistors go into saturation. (The Applications section provides
further information on the use of this interface).
The supply current for all sections except the limiter output
stage, and with no load attached to the RSSI output, is nomi-
nally 16 mA at TA = 27°C, substantially independent of supply
voltage. It varies in direct proportion to the absolute tempera-
ture (PTAT). The RSSI load current is simply the voltage at
VLOG divided by the load resistance (e.g., 2.4 mA max in a
1 k
Ω load). The limiter supply current is 1.1 times that flowing
in RLIM. The AD8306 may be enabled/disabled by a CMOS-
compatible level at ENBL (Pin 8).
In the following simplified interface diagrams, the components
denoted with an uppercase “R” are thin-film resistors having a
very low temperature-coefficient of resistance and high linearity
under large-signal conditions. Their absolute value is typically
within
±20%. Capacitors denoted using an uppercase “C” have
a typical tolerance of
±15% and essentially zero temperature or


Numéro de pièce similaire - AD8306AR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8306AR AD-AD8306AR Datasheet
397Kb / 16P
   5 MHz-400 MHz 100 dB High Precision Limiting-Logarithmic Amplifier
REV. A
AD8306AR-REEL AD-AD8306AR-REEL Datasheet
397Kb / 16P
   5 MHz-400 MHz 100 dB High Precision Limiting-Logarithmic Amplifier
REV. A
AD8306AR-REEL7 AD-AD8306AR-REEL7 Datasheet
397Kb / 16P
   5 MHz-400 MHz 100 dB High Precision Limiting-Logarithmic Amplifier
REV. A
More results

Description similaire - AD8306AR

FabricantNo de pièceFiches techniqueDescription
logo
Zarlink Semiconductor I...
SL3522 ZARLINK-SL3522 Datasheet
934Kb / 21P
   500MHz 75dB Logarithmic/Limiting Amplifier
logo
Mitel Networks Corporat...
SL3522 MITEL-SL3522 Datasheet
830Kb / 19P
   500MHz 75dB Logarithmic/Limiting Amplifier
logo
List of Unclassifed Man...
PS13201 ETC2-PS13201 Datasheet
1Mb / 22P
   500MHz 75dB Logarithmic/Limiting Amplifier
logo
Burr-Brown (TI)
4127 BURR-BROWN-4127 Datasheet
510Kb / 8P
   LOGARITHMIC AMPLIFIER
logo
Texas Instruments
TL441AM TI-TL441AM_06 Datasheet
246Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441CN TI-TL441CN Datasheet
563Kb / 20P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441-EP TI1-TL441-EP Datasheet
576Kb / 18P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441AM TI-TL441AM Datasheet
233Kb / 14P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441A TI1-TL441A Datasheet
257Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441 TI-TL441 Datasheet
226Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com