Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5641BKSZ-500RL7 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD5641BKSZ-500RL7
Description  SPI Interface in LFCSP and SC70
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5641BKSZ-500RL7 Fiches technique(HTML) 4 Page - Analog Devices

  AD5641BKSZ-500RL7 Datasheet HTML 1Page - Analog Devices AD5641BKSZ-500RL7 Datasheet HTML 2Page - Analog Devices AD5641BKSZ-500RL7 Datasheet HTML 3Page - Analog Devices AD5641BKSZ-500RL7 Datasheet HTML 4Page - Analog Devices AD5641BKSZ-500RL7 Datasheet HTML 5Page - Analog Devices AD5641BKSZ-500RL7 Datasheet HTML 6Page - Analog Devices AD5641BKSZ-500RL7 Datasheet HTML 7Page - Analog Devices AD5641BKSZ-500RL7 Datasheet HTML 8Page - Analog Devices AD5641BKSZ-500RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD5641
Data Sheet
Rev. D | Page 4 of 20
TIMING CHARACTERISTICS
VDD = 2.7 V to 5.5 V; all specifications TMIN to TMAX, unless otherwise noted. See Figure 2.
Table 3.
Parameter
Limit1
Unit
Test Conditions/Comments
t12
33
ns min
SCLK cycle time
t2
5
ns min
SCLK high time
t3
5
ns min
SCLK low time
t4
10
ns min
SYNC to SCLK falling edge setup time
t5
5
ns min
Data setup time
t6
4.5
ns min
Data hold time
t7
0
ns min
SCLK falling edge to SYNC rising edge
t8
20
ns min
Minimum SYNC high time
t9
13
ns min
SYNC rising edge to next SCLK falling edge ignored
1
All input signals are specified with tR = tF = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2.
2
Maximum SCLK frequency is 30 MHz.
t4
t3
t2
t5
t7
t6
D0
D1
D2
D14
D15
SYNC
SCLK
t9
t1
t8
D15
D14
SDIN
Figure 2. Timing Diagram


Numéro de pièce similaire - AD5641BKSZ-500RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5641BKS AD-AD5641BKS Datasheet
572Kb / 20P
   2.7 V to 5.5 V, <100 uA, 14-Bit nanoDAC D/A in SC70 Package
Rev. PrC
More results

Description similaire - AD5641BKSZ-500RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5611 AD-AD5611_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5621 AD-AD5621_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5601 AD-AD5601_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5601 AD-AD5601_13 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5621AKSZ AD-AD5621AKSZ Datasheet
466Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5626 AD-AD5626 Datasheet
794Kb / 20P
   5V,12-Bit nanoDAC, Serial Interface in MSOP and LFCSP Packages
REV. 0
AD7946 AD-AD7946_17 Datasheet
597Kb / 25P
   PulSAR ADC in MSOP and LFCSP
AD7944 AD-AD7944_17 Datasheet
689Kb / 29P
   15.5 mW ADC in LFCSP
logo
ATMEL Corporation
AT73C209 ATMEL-AT73C209_14 Datasheet
1Mb / 63P
   SPI Interface and Internal Programming Registers
logo
ams AG
AS3693C-9 AMSCO-AS3693C-9 Datasheet
1Mb / 30P
   SPI interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com