Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM234LAR Fiches technique(PDF) 9 Page - Analog Devices

No de pièce ADM234LAR
Description  5 V-Powered CMOS RS-232 Drivers/Receivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM234LAR Fiches technique(HTML) 9 Page - Analog Devices

Back Button ADM234LAR Datasheet HTML 5Page - Analog Devices ADM234LAR Datasheet HTML 6Page - Analog Devices ADM234LAR Datasheet HTML 7Page - Analog Devices ADM234LAR Datasheet HTML 8Page - Analog Devices ADM234LAR Datasheet HTML 9Page - Analog Devices ADM234LAR Datasheet HTML 10Page - Analog Devices ADM234LAR Datasheet HTML 11Page - Analog Devices ADM234LAR Datasheet HTML 12Page - Analog Devices ADM234LAR Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADM231L–ADM234L/ADM236L–ADM241L
Rev. C | Page 9 of 20
TYPICAL OPERATING CIRCUITS
ADM231L
1
µF
+16V
C1+
C1–
T1IN
T1
T1OUT
T2IN
T2
T2OUT
RS-232
OUTPUTS
R1OUT
R1
R1IN
R2OUT
R2IN
TTL/CMOS
OUTPUTS
R2
V–
1
µF
+16V
+12V TO –12V
VOLTAGE
INVERTER
V+
GND
+7.5V TO +13.2V
VCC
1
µF
+5V INPUT
TTL/CMOS
INPUTS1
RS-232
INPUTS2
1INTERNAL 400k
Ω PULL-UP RESISTOR ON EACH TTL/CMOS INPUT.
2INTERNAL 5k
Ω PULL-DOWN RESISTOR ON EACH RS-232 INPUT.
1
2
8
7
9
6
12
5
10
4
11
3
13
14
Figure 17. ADM231L Typical Operating Circuit (PDIP Pinout)
ADM232L
1
µF
+6.3V
1
µF
+16V
C1+
C1–
C2–
C2+
T1IN
T1
T1OUT
T2IN
T2
T2OUT
RS-232
OUTPUTS
R1OUT
R1
R1IN
R2OUT
R2IN
TTL/CMOS
OUTPUTS
R2
V–
1
µF
+16V
+10V TO –10V
VOLTAGE
INVERTER
1
µF
+6.3V
1
µF
+6.3V
5V INPUT
V+
VCC
+5V TO +10V
VOLTAGE
DOUBLER
GND
TTL/CMOS
INPUTS1
RS-232
INPUTS2
1INTERNAL 400k
Ω PULL-UP RESISTOR ON EACH TTL/CMOS INPUT.
2INTERNAL 5k
Ω PULL-DOWN RESISTOR ON EACH RS-232 INPUT.
Figure 18. ADM232L Typical Operating Circuit
ADM233L
C1+
C1–
V–
V–
T1IN
T1
T1OUT
T2IN
T2
T2OUT
RS-232
OUTPUTS
R1OUT
R1
R1IN
R2OUT
R2IN
TTL/CMOS
OUTPUTS
R2
C2–
C2+
VCC
GND
+5V INPUT
GND
INTERNAL
–10V POWER
SUPPLY
INTERNAL
+10V POWER
SUPPLY
V+
C2+
C2–
DO NOT MAKE
CONNECTIONS TO
THESE PINS
TTL/CMOS
INPUTS1
RS-232
INPUTS2
1INTERNAL 400k
Ω PULL-UP RESISTOR ON EACH TTL/CMOS INPUT.
2INTERNAL 5k
Ω PULL-DOWN RESISTOR ON EACH RS-232 INPUT.
Figure 19. ADM233L Typical Operating Circuit
ADM234L
1
µF
+6.3V
1
µF
+16V
C1+
C1–
C2–
C2+
T1IN
T1
T1OUT
T2IN
T2
T2OUT
RS-232
OUTPUTS
V–
1
µF
+16V
+10V TO –10V
VOLTAGE
INVERTER
1
µF
+6.3V
1
µF
+6.3V
5V INPUT
V+
VCC
+5V TO +10V
VOLTAGE
DOUBLER
T3
T4
T3IN
T4IN
GND
T3OUT
T4OUT
TTL/CMOS
INPUTS1
1INTERNAL 400k
Ω PULL-UP RESISTOR ON EACH TTL/CMOS INPUT.
Figure 20. ADM234L Typical Operating Circuit


Numéro de pièce similaire - ADM234LAR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM234LAR AD-ADM234LAR Datasheet
364Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM234LAR AD-ADM234LAR Datasheet
281Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM234LAR-REEL AD-ADM234LAR-REEL Datasheet
281Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
More results

Description similaire - ADM234LAR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM223 AD-ADM223_15 Datasheet
340Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. B
AD230 AD-AD230 Datasheet
363Kb / 11P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. A
AD230 AD-AD230_15 Datasheet
4Mb / 15P
   5 V POWERED CMOS RS 232 DRIVERS RECEIVERS
ADM223 AD-ADM223 Datasheet
364Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM233LJNZ AD-ADM233LJNZ Datasheet
281Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM233LJNZ AD-ADM233LJNZ Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM205 AD-ADM205 Datasheet
486Kb / 12P
   0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM206 AD-ADM206 Datasheet
254Kb / 16P
   0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
Rev. D
ADM207EARSZ AD-ADM207EARSZ Datasheet
218Kb / 16P
   0.1 muF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM206 AD-ADM206_11 Datasheet
254Kb / 16P
   0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com