Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM234LAR Fiches technique(PDF) 4 Page - Analog Devices

No de pièce ADM234LAR
Description  5 V-Powered CMOS RS-232 Drivers/Receivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM234LAR Fiches technique(HTML) 4 Page - Analog Devices

  ADM234LAR Datasheet HTML 1Page - Analog Devices ADM234LAR Datasheet HTML 2Page - Analog Devices ADM234LAR Datasheet HTML 3Page - Analog Devices ADM234LAR Datasheet HTML 4Page - Analog Devices ADM234LAR Datasheet HTML 5Page - Analog Devices ADM234LAR Datasheet HTML 6Page - Analog Devices ADM234LAR Datasheet HTML 7Page - Analog Devices ADM234LAR Datasheet HTML 8Page - Analog Devices ADM234LAR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADM231L–ADM234L/ADM236L–ADM241L
Rev. C | Page 4 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VCC
–0.3 V to +6 V
V+
(VCC – 0.3 V) to +14 V
V–
+0.3 V to −14 V
Input Voltages
TIN
–0.3 V to (VCC + 0.3 V)
RIN
±30 V
Output Voltages
TOUT
(V+, +0.3 V) to (V–, –0.3 V)
ROUT
–0.3 V to (VCC + 0.3 V)
Short-Circuit Duration
TOUT
Continuous
Power Dissipation
N-14 PDIP (Derate 10 mW/°C
above 70°C)
800 mW
N-16 PDIP (Derate 10.5 mW/°C
above 70°C)
840 mW
N-20 PDIP (Derate 11 mW/°C
above 70°C)
890 mW
N-24-1 PDIP (Derate
13.5 mW/°C above 70°C)
1000 mW
R-16 SOIC (Derate 9 mW/°C
above 70°C)
760 mW
R-24 SOIC (Derate 12 mW/°C
above 70°C)
850 mW
R-28 SOIC (Derate 12.5 mW/°C
above 70°C)
900 mW
RS-28 SSOP (Derate 10 mW/°C
above 70°C)
900 mW
Parameter
Rating
Q-14 CERDIP (Derate 10 mW/°C
above 70°C)
720 mW
Q-16 CERDIP (Derate 10 mW/°C
above 70•C)
800 mW
Q-24 CERDIP (Derate
12.5 mW/°C above 70°C)
1000 mW
Thermal Impedance, θJA
N-14 PDIP
140°C/W
N-16 PDIP
135°C/W
N-20 PDIP
125°C/W
N-24-1 PDIP
120°C/W
R-16 SOIC
105°C/W
R-24 SOIC
85°C/W
R-28 SOIC
80°C/W
RS-28 SSOP
100°C/W
Q-14 CERDIP
105°C/W
Q-16 CERDIP
100°C/W
Q-24 CERDIP
55°C/W
Operating Temperature Range
Commercial (J Version)
0°C to 70°C
Industrial (A Version)
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature, Soldering
300°C
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220° C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of
time may affect device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Numéro de pièce similaire - ADM234LAR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM234LAR AD-ADM234LAR Datasheet
364Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM234LAR AD-ADM234LAR Datasheet
281Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM234LAR-REEL AD-ADM234LAR-REEL Datasheet
281Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
More results

Description similaire - ADM234LAR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM223 AD-ADM223_15 Datasheet
340Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. B
AD230 AD-AD230 Datasheet
363Kb / 11P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. A
AD230 AD-AD230_15 Datasheet
4Mb / 15P
   5 V POWERED CMOS RS 232 DRIVERS RECEIVERS
ADM223 AD-ADM223 Datasheet
364Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM233LJNZ AD-ADM233LJNZ Datasheet
281Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM233LJNZ AD-ADM233LJNZ Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM205 AD-ADM205 Datasheet
486Kb / 12P
   0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM206 AD-ADM206 Datasheet
254Kb / 16P
   0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
Rev. D
ADM207EARSZ AD-ADM207EARSZ Datasheet
218Kb / 16P
   0.1 muF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM206 AD-ADM206_11 Datasheet
254Kb / 16P
   0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com