Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5060ARJZ-1REEL7 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD5060ARJZ-1REEL7
Description  Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5060ARJZ-1REEL7 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD5060ARJZ-1REEL7 Datasheet HTML 7Page - Analog Devices AD5060ARJZ-1REEL7 Datasheet HTML 8Page - Analog Devices AD5060ARJZ-1REEL7 Datasheet HTML 9Page - Analog Devices AD5060ARJZ-1REEL7 Datasheet HTML 10Page - Analog Devices AD5060ARJZ-1REEL7 Datasheet HTML 11Page - Analog Devices AD5060ARJZ-1REEL7 Datasheet HTML 12Page - Analog Devices AD5060ARJZ-1REEL7 Datasheet HTML 13Page - Analog Devices AD5060ARJZ-1REEL7 Datasheet HTML 14Page - Analog Devices AD5060ARJZ-1REEL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD5040/AD5060
Rev. A | Page 11 of 24
0
0
3.00
2.75
2.50
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
70000
60000
50000
40000
30000
20000
10000
DAC CODE
VDD = 3.0V, VREF = 2.5V
VDD = 5.5V, VREF = 4.096V
TA = 25°C
Figure 22. Typical Supply Current vs. Digital Input Code1
CH2 50mV/DIV
CH1 2V/DIV
TIME BASE 400ns/DIV
24TH CLOCK FALLING
CH1 = SCLK
CH2 = VOUT
Figure 23. AD5060 Digital-to-Analog Glitch Impulse
(See Figure 24)
0.117
0.101
0.102
0.103
0.104
0.105
0.106
0.107
0.108
0.109
0.111
0.110
0.112
0.113
0.114
0.115
0.116
SAMPLES
VDD = 5V
VREF = 4.096V
R = 5k
Ω
C = 220pF
CODE = 57386
Figure 24. AD5060 Digital-to-Analog Glitch Energy
1 AD5060 only.
VDD = 3V
DAC = FULL SCALE
VREF = 2.7V
TA = 25°C
Y AXIS = 2
μV/DIV
X AXIS = 4s/DIV
Figure 25. 0.1 Hz to 10 Hz Noise Plot
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1
0
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
5.5
5.3
REFERENCE VOLTAGE (V)
Figure 26. VDD Headroom vs. Reference Voltage
5.05
5.00
4.95
4.90
4.85
4.80
4.75
4.70
4.65
4.60
4.55
4.70 4.72 4.74 4.76 4.78 4.80 4.82 4.84 4.86 4.88 4.90 4.92 4.94 4.96 4.98 5.00
VREF (V)
VDD = 5.0V
TA = 25°C
DAC = FULL-SCALE
Figure 27. Output Voltage vs. Reference Voltage


Numéro de pièce similaire - AD5060ARJZ-1REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5060ARJZ-1500RL7 AD-AD5060ARJZ-1500RL7 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
More results

Description similaire - AD5060ARJZ-1REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5060 AD-AD5060_15 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5040 AD-AD5040_15 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5060ARJZ-1500RL7 AD-AD5060ARJZ-1500RL7 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5062 AD-AD5062_15 Datasheet
464Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
   16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
AD5063 AD-AD5063_09 Datasheet
350Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
REV. C
AD5063 AD-AD5063_15 Datasheet
350Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
REV. C
AD5066 AD-AD5066_15 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5066BRUZ AD-AD5066BRUZ Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5064 AD-AD5064_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com