Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

L272 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce L272
Description  Dual Power Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

L272 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  L272 Datasheet HTML 1Page - Fairchild Semiconductor L272 Datasheet HTML 2Page - Fairchild Semiconductor L272 Datasheet HTML 3Page - Fairchild Semiconductor L272 Datasheet HTML 4Page - Fairchild Semiconductor L272 Datasheet HTML 5Page - Fairchild Semiconductor L272 Datasheet HTML 6Page - Fairchild Semiconductor L272 Datasheet HTML 7Page - Fairchild Semiconductor L272 Datasheet HTML 8Page - Fairchild Semiconductor L272 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
L272
2
PIN Definitions
Absolute Maximum Ratings
Thermal Data
Pin Number
Pin Name
Pin Function Descrition
8-DIP
16-SOP
1
16
OUTPUT1
Amp Output 1
2
1
VCC
Positive Supply Voltage
3
2
OUTPUT2
Amp Output 2
4
4/5/12/13
VEE/GND
Negative Supply Voltage (GND)
5
7
INPUT-2
Amp Negative Input 2
6
8
INPUT+2
Amp Positive Input 2
7
9
INPUT+1
Amp Positive Input 1
8
10
INPUT-1
Amp Negative Input 1
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
40
V
Input Voltage
VI
VS
V
Differential Input Voltage
VI(DIFF)
±VS
V
DC Output Current
IO
0.7
A
Peak Output Current (non repetitive)
IP
1A
Power dissipation at: Tamb=50
°CPtot
1W
Operating Temperature Range
Top
-25 to 85
°C
Storage and Junction Temperature
Tstg, Tj
-40 to 150
°C
Parameter
Symbol
Value
Unit
Thermal Resistance Junction-Ambient Max.
8-DIP
16-SOP
R
θja
100
190
°C/W


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn