Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

L272 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce L272
Description  Dual Power Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

L272 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  L272 Datasheet HTML 1Page - Fairchild Semiconductor L272 Datasheet HTML 2Page - Fairchild Semiconductor L272 Datasheet HTML 3Page - Fairchild Semiconductor L272 Datasheet HTML 4Page - Fairchild Semiconductor L272 Datasheet HTML 5Page - Fairchild Semiconductor L272 Datasheet HTML 6Page - Fairchild Semiconductor L272 Datasheet HTML 7Page - Fairchild Semiconductor L272 Datasheet HTML 8Page - Fairchild Semiconductor L272 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.2
Features
• Output Current upto 0.7A
• Operates at Low Voltage (VS(MIN)=4V)
• Low Saturation Voltage (Ip=0.5A, VO=1.5V)
• Thermal Shutdown (TSD=160
°C)
• Ground Compatible Inputs
• Large Common mode & Differential mode Range
Applications
• Servo Amplifier
• Power Supply
• Compact Disc
•VCR
• Monitor
Description
The L272 is a high-power dual operational amplifier
provided as a 8-DIP and 16-SOP package. The operational
amplifier is designed for low impedance loads and will
deliver output current upto 0.7A. The L272 can be used in a
wide range of applications including power supply, VCR,
monitor, servo amplifier, compact disc, etc
8-DIP
1
1
16-SOP
Internal Block Diagram
1
2
3
4
5
6
7
8
+
-
+
-
Vcc
VEE/GND
(8-DIP)
OUT1
OUT2
IN 1-
IN 1+
IN 2+
IN 2-
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
VCC
OUT2
VEE/GND
GND
IN2-
IN2+
IN1+
IN1-
GND
GND
OUT1
+
-
+
-
NC
NC
NC
NC
NC
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
VCC
OUT2
VEE/GND
GND
IN2-
IN2+
IN1+
IN1-
GND
GND
OUT1
+
-
+
-
NC
NC
NC
NC
NC
(16-SOP)
L272
Dual Power Operational Amplifier


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn