Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

L272 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce L272
Description  Dual Power Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

L272 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  L272 Datasheet HTML 1Page - Fairchild Semiconductor L272 Datasheet HTML 2Page - Fairchild Semiconductor L272 Datasheet HTML 3Page - Fairchild Semiconductor L272 Datasheet HTML 4Page - Fairchild Semiconductor L272 Datasheet HTML 5Page - Fairchild Semiconductor L272 Datasheet HTML 6Page - Fairchild Semiconductor L272 Datasheet HTML 7Page - Fairchild Semiconductor L272 Datasheet HTML 8Page - Fairchild Semiconductor L272 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
L272
4
Typical Perfomance Characteristics
5
6
7
8
9
04
8
12
16
20
24
28
VCC/VEE/Supply Voltage(V)
5
6
7
8
9
04
8
12
16
20
24
28
VCC/VEE/Supply Voltage(V)
-20
0
20
40
60
80
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
f, Frequency(Hz)
-20
0
20
40
60
80
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
f, Frequency(Hz)
-12
-11
100
200
300
400
500
600
700
IL, Load Current (mA)
0℃
25℃
50℃
75℃
100℃
-12
-11
100
200
300
400
500
600
700
IL, Load Current (mA)
0℃
25℃
50℃
75℃
100℃
0℃
25℃
50℃
75℃
100℃
10.5
11
11.5
100
200
300
400
500
600
700
IL, Load Current (mA)
0℃
25℃
50℃
75℃
100℃
10.5
11
11.5
100
200
300
400
500
600
700
IL, Load Current (mA)
10.5
11
11.5
100
200
300
400
500
600
700
IL, Load Current (mA)
0℃
25℃
50℃
75℃
100℃
0℃
25℃
50℃
75℃
100℃
Figure 1. Supply Voltage vs Supply
Current with No Load
Figure 2. Open Loop Voltage Gain
Figure 3-1. Output Voltage Swing vs Load Current
Figure 3-2. Output Voltage Swing vs Load Current
0
20
40
60
1.E+01
5.E+01
1.E+02
5.E+02
1.E+03
5.E+03
1.E+04
5.E+04
1.E+05
f,Frequency(Hz)
0
20
40
60
1.E+01
5.E+01
1.E+02
5.E+02
1.E+03
5.E+03
1.E+04
5.E+04
1.E+05
f,Frequency(Hz)
Figure 6. Channel Separation vs Frepuency


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn