Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

L272 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce L272
Description  Dual Power Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

L272 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  L272 Datasheet HTML 1Page - Fairchild Semiconductor L272 Datasheet HTML 2Page - Fairchild Semiconductor L272 Datasheet HTML 3Page - Fairchild Semiconductor L272 Datasheet HTML 4Page - Fairchild Semiconductor L272 Datasheet HTML 5Page - Fairchild Semiconductor L272 Datasheet HTML 6Page - Fairchild Semiconductor L272 Datasheet HTML 7Page - Fairchild Semiconductor L272 Datasheet HTML 8Page - Fairchild Semiconductor L272 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
L272
3
Electrical Characteristics
( Vcc = +12V, VEE = -12V, Ta = 25
°C unless otherwise specified )
Note :
1. Guaranteed by design. Not 100% tested in production.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply Voltage (VCC - VEE)VS
4-
28
V
Supply Current
IS
VO = VCC/2
VCC=24V, VEE=0V
VCC=12V, VEE=0V
-8
7.5
12
11
mA
mA
Input Bias Current
IBIAS
--
0.3
2.5
µA
Input Offset Voltage
VIO
-
-
15
60
mV
Input Offset Current
IIO
-
-
50
250
nA
Slew Rate
SR
Vin = 1Vpp, Unit Gain
-
1
-
V/
µs
Gain-Bandwidth Product
GBW
-
-
350
-
KHz
Input Resistance
RI
-
500
-
-
K
Lange Signal
GV
VO(pp) =
±10V
65
75
-
dB
Input Noise Voltage
eN
B = 20KHz
-
10
-
µV
Input Noise Current
IN
B = 20KHz
-
200
-
pA
Common Mode Rejection Ratio
CMRR
-
60
75
-
dB
Supply Voltage Rejection Ratio
PSRR
VCC =+15V, VEE = -15V
VCC =+5V, VEE = -5V
54
62
-
dB
Output Voltage Swing
VO
VCC = 24V, VEE = 0V
Ip = 0.1A
Ip = 0.5A
21
21
23
22.5
-
-
V
V
Channel Separation
CS
f = 1kHz; RL = 10
Ω,
GV = 30dB
-60-
dB
Total Harmonic Distortion
THD
f = 1kHz, GV = 1dB,RL =
-0.5
-
%
Thermal stutdown Temperature
(Note1)
TSD
-
-
160
-
°C


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn