Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC807-16W-AU_SX_00001 Fiches technique(PDF) 5 Page - Pan Jit International Inc.

No de pièce BC807-16W-AU_SX_00001
Description  PNP GENERAL PURPOSE TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC807-16W-AU_SX_00001 Fiches technique(HTML) 5 Page - Pan Jit International Inc.

  BC807-16W-AU_SX_00001 Datasheet HTML 1Page - Pan Jit International Inc. BC807-16W-AU_SX_00001 Datasheet HTML 2Page - Pan Jit International Inc. BC807-16W-AU_SX_00001 Datasheet HTML 3Page - Pan Jit International Inc. BC807-16W-AU_SX_00001 Datasheet HTML 4Page - Pan Jit International Inc. BC807-16W-AU_SX_00001 Datasheet HTML 5Page - Pan Jit International Inc. BC807-16W-AU_SX_00001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Part No_packing code_Version
BC807-16W-AU_R1_000A1
BC807-16W-AU_R2_000A1
For example :
RB500V-40_R2_00001
Part No.
Serial number
Version code means HF
Packing size code means 13"
Packing type means T/R
Packing Code XX
Version Code XXXXX
Packing type
1st Code
Packing size code
2nd Code HF or RoHS 1st Code 2nd~5th Code
Tape and Ammunition Box
(T/B)
A
N/A
0
HF
0
serial number
Tape and Reel
(T/R)
R
7"
1
RoHS
1
serial number
Bulk Packing
(B/P)
B
13"
2
Tube Packing
(T/P)
T
26mm
X
Tape and Reel (Right Oriented)
(TRR)
S
52mm
Y
Tape and Reel (Left Oriented)
(TRL)
L
PANASERT T/B CATHODE UP
(PBCU)
U
FORMING
F
PANASERT T/B CATHODE DOWN
(PBCD)
D
BC807-16W-AU SERIES
PAGE . 5
March 22,2011-REV.04


Numéro de pièce similaire - BC807-16W-AU_SX_00001

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
BC807-16W-AU_R1_000A1 PANJIT-BC807-16W-AU_R1_000A1 Datasheet
517Kb / 6P
   Silicon PNP General Purpose Transistors
March 08,2019-REV.05
BC807-16W-AU PANJIT-BC807-16W-AU_V01 Datasheet
517Kb / 6P
   Silicon PNP General Purpose Transistors
March 08,2019-REV.05
More results

Description similaire - BC807-16W-AU_SX_00001

FabricantNo de pièceFiches techniqueDescription
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com