Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

7401J1ZQE2 Fiches technique(PDF) 4 Page - C&K Components

No de pièce 7401J1ZQE2
Description  7000 Series Miniature Rocker Lever Handle Switches
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

7401J1ZQE2 Fiches technique(HTML) 4 Page - C&K Components

  7401J1ZQE2 Datasheet HTML 1Page - C&K Components 7401J1ZQE2 Datasheet HTML 2Page - C&K Components 7401J1ZQE2 Datasheet HTML 3Page - C&K Components 7401J1ZQE2 Datasheet HTML 4Page - C&K Components 7401J1ZQE2 Datasheet HTML 5Page - C&K Components 7401J1ZQE2 Datasheet HTML 6Page - C&K Components 7401J1ZQE2 Datasheet HTML 7Page - C&K Components 7401J1ZQE2 Datasheet HTML 8Page - C&K Components 7401J1ZQE2 Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
7000 Series
Miniature Rocker & Lever Handle Switches
ACTUATOR–PANEL REAR MOUNT
DIMPLES
MFG. OPTION
DIMPLES MFG.
OPTION
PANEL MOUNTING
J8 Actuator
J3 Actuator
J10 Actuator
J1 & J2 Actuators
2
BLACK
1
WHITE
3
RED
ACTUATOR
COLOR
OPTION
CODE
Finish: Matte. Other colors, custom actuator
markings and legends available, consult
Customer Service Center.
NOTE: Hardware: two each—mounting screws,
nuts, lockwashers and standoffs for 1/8 inch thick
panel are supplied standard on all switches with
panel mounting brackets. Actuators available
separately, see page G-22. Hardware is available
see Technical Data section of this catalog.
J1, J2, J3, J8 & J10 Actuators available with
C, W-W5, Z or Z3 terminations.
J1
ROCKER
J2
LEVER
J3
ROCKER
J8
ROCKER
J10
ROCKER
ACTUATOR COLOR
ACTUATOR
G
G–7
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com


Numéro de pièce similaire - 7401J1ZQE2

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
7401 NSC-7401 Datasheet
97Kb / 4P
   Quad 2-Input NAND Gates with Open-Collector Outputs
logo
C&K Components
7401 CK-COMPONENTS-7401 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
logo
List of Unclassifed Man...
74010 ETC2-74010 Datasheet
303Kb / 1P
   Wiha Quality Tools Slotted Bits
logo
Myrra
74010 MYRRA-74010 Datasheet
98Kb / 1P
   FLYBACK TRANSFORMER
logo
Belden Inc.
74010E BELDEN-74010E Datasheet
172Kb / 3P
   DataTuff® 6A, 4PR #22 Sol BC, PO ins, S/FTP, PVC jkt, PROFINET Type A,AWM 20726
2022 Belden, Inc
More results

Description similaire - 7401J1ZQE2

FabricantNo de pièceFiches techniqueDescription
logo
C&K Components
7000 CK-COMPONENTS-7000_V01 Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
2021
U411J37ZGE22 CK-COMPONENTS-U411J37ZGE22 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7201J1A3QE2 CK-COMPONENTS-7201J1A3QE2 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
U15J51ZQE12 CK-COMPONENTS-U15J51ZQE12 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
U11J26ZQE22 CK-COMPONENTS-U11J26ZQE22 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7000ROCKER CK-COMPONENTS-7000ROCKER Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
15 Jan 21
7103J2ZBE2 CK-COMPONENTS-7103J2ZBE2 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
logo
ITT Industries
E101J1ABE22 ITT-E101J1ABE22 Datasheet
812Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
logo
C&K Components
E CK-COMPONENTS-E Datasheet
2Mb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
15 Jan 21
E101J1ABE222 CK-COMPONENTS-E101J1ABE222 Datasheet
784Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com