Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

7401J1ZQE2 Fiches technique(PDF) 21 Page - C&K Components

No de pièce 7401J1ZQE2
Description  7000 Series Miniature Rocker Lever Handle Switches
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

7401J1ZQE2 Fiches technique(HTML) 21 Page - C&K Components

Back Button 7401J1ZQE2 Datasheet HTML 14Page - C&K Components 7401J1ZQE2 Datasheet HTML 15Page - C&K Components 7401J1ZQE2 Datasheet HTML 16Page - C&K Components 7401J1ZQE2 Datasheet HTML 17Page - C&K Components 7401J1ZQE2 Datasheet HTML 18Page - C&K Components 7401J1ZQE2 Datasheet HTML 19Page - C&K Components 7401J1ZQE2 Datasheet HTML 20Page - C&K Components 7401J1ZQE2 Datasheet HTML 21Page - C&K Components 7401J1ZQE2 Datasheet HTML 22Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
7000 Series
Miniature Rocker & Lever Handle Switches
AVAILABLE HARDWARE
.495 – .505
(12,57 – 12,83)
.797 – .803
(20,24 – 20,40)
.005 R. MAX.
(0,13) TYP.
.495 – .505
(12,57 – 12,83)
.595 – .605
(15,11 – 15,37)
.005 R.
(0,13)
MAX. TYP.
.495 – .505
(12,57 – 12,83)
.620 – .625
(15,75 – 15,88)
.005 R.
(0,13)
MAX. TYP.
PANEL MOUNTING
For part numbers
4529xxxxx, 4527xxxxx,
4528xxxxx, 4526xxxxx
For part numbers
4325xxxxx, 4326xxxxx
For part numbers
4327xxxxx, 4328xxxxx
TYPICAL APPLICATION
J1 & J2 Actuators
J50, J60 & J90 Actuators
.125” (3,18) PANEL THK.
PART NO.
452602263
BLACK
.047” (1,19) PANEL THK.
PART NO.
452902263
.062” (1,57) PANEL THK.
PART NO.
452702263
.090” (2,29) PANEL THK.
PART NO.
452802263
.125” (3,18) PANEL THK.
PART NO.
432802263
BLACK
.047” (1,19) PANEL THK.
PART NO.
432502263
.062” (1,57) PANEL THK.
PART NO.
432602263
.090” (2,29) PANEL THK.
PART NO.
432702263
Frames snap into panel opening and are independent from switch mounting. Accurate positioning of the
PC mounted switch relative to the panel opening is necessary to provide proper clearance between actuator
and frame. Available in two basic styles and four panel thicknesses .047-.125 in. Material: Nylon. Finish: Matte.
G–24
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
G


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn