Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

7401J1ZQE2 Fiches technique(PDF) 18 Page - C&K Components

No de pièce 7401J1ZQE2
Description  7000 Series Miniature Rocker Lever Handle Switches
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

7401J1ZQE2 Fiches technique(HTML) 18 Page - C&K Components

Back Button 7401J1ZQE2 Datasheet HTML 14Page - C&K Components 7401J1ZQE2 Datasheet HTML 15Page - C&K Components 7401J1ZQE2 Datasheet HTML 16Page - C&K Components 7401J1ZQE2 Datasheet HTML 17Page - C&K Components 7401J1ZQE2 Datasheet HTML 18Page - C&K Components 7401J1ZQE2 Datasheet HTML 19Page - C&K Components 7401J1ZQE2 Datasheet HTML 20Page - C&K Components 7401J1ZQE2 Datasheet HTML 21Page - C&K Components 7401J1ZQE2 Datasheet HTML 22Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
TERMINATIONS
7000 Series
Miniature Rocker & Lever Handle Switches
CONTACT MATERIAL
SEAL
'A'
Actuator Shown In Pos. 1
SNAP-IN
PC MOUNTING
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
Available with C, W through W5, Z & Z3 terminations.
1 CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate.
2 END CONTACTS: Coin silver, with gold plate over nickel plate.
3 CENTER CONTACTS & ALL TERMINALS: Copper alloy, with gold plate
over nickel plate.
4 END CONTACTS: Coin silver, silver plated.
5 CENTER CONTACT & ALL TERMINALS: Copper alloy, silver plated.
6 TERMINALS: Copper alloy, with matte-tin over nickel plate.
U11-U415 model numbers
with all options when ordered with
G, Q, S & R contact material.
B contact material standard with all terminations except C, Z & Z3.
Q contact material standard with C, Z & Z3 terminations.
P, S & R, contact materials not available with Z & Z3 terminations.
NOTE: Any models supplied with Q, B, G S, P & R contact material are RoHS compliant.
V4
.630 (16,00)
V9
1.150 (29,21)
DIM ‘A’
OPTION
CODE
SP
.410 (10,41)
DP
.440 (11,18)
3P
.505 (12,83)
4P
.505 (12,83)
DIM ‘A’
NO.
POLES
V4, V9
VERTICAL MOUNT, V-BRACKET
7401J1__BE2
4PDT
E
EPOXY SEAL
I
EPOXY POTTED BASE
Not available with I seal option.
Available actuators, see pages G-7 and G-13.
OPTION
CODE
CONTACT
MATERIAL
TERMINAL
PLATING
RATINGS
SILVER 5
MATTE-TIN 6
GOLD 1
SILVER 4,5
GOLD OVER SILVER 2,3
GOLD 3
MATTE-TIN 6
GOLD 1
MATTE-TIN 6
LOW LEVEL/
DRY CIRCUIT
POWER
LOW LEVEL/DRY
CIRCUIT OR POWER
0.4 VA MAX. @ 20 V AC OR DC MAX.
5 AMPS @ 120 V AC OR 28 V DC; 2 AMPS @ 250 V AC.
0 4 VA MAX @ 20 V AC OR DC MAX OR 5 AMPS @
120 V AC OR 28 V DC; 2 AMPS @ 250 V AC.
B
P
Q
S
G
R
G
G–21
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn