Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AZP92NAG Fiches technique(PDF) 7 Page - Arizona Microtek, Inc

No de pièce AZP92NAG
Description  PECL/ECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AZM [Arizona Microtek, Inc]
Site Internet  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZP92NAG Fiches technique(HTML) 7 Page - Arizona Microtek, Inc

  AZP92NAG Datasheet HTML 1Page - Arizona Microtek, Inc AZP92NAG Datasheet HTML 2Page - Arizona Microtek, Inc AZP92NAG Datasheet HTML 3Page - Arizona Microtek, Inc AZP92NAG Datasheet HTML 4Page - Arizona Microtek, Inc AZP92NAG Datasheet HTML 5Page - Arizona Microtek, Inc AZP92NAG Datasheet HTML 6Page - Arizona Microtek, Inc AZP92NAG Datasheet HTML 7Page - Arizona Microtek, Inc AZP92NAG Datasheet HTML 8Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Arizona Microtek, Inc.
AZP92
PECL/ECL ÷1, ÷2 Clock Generation
Chip with Selectable Enable
www.azmicrotek.com
+1-480-962-5881
7
Request a Sample
Aug 2013, Rev 2.1
Table 7 - 100K PECL DC Characteristics
100K PECL DC Characteristics (VEE = GND, VCC = +5.0V)
Symbol
Characteristic
-40
°C
0
°C
25
°C
85
°C
Unit
Min
Max
Min
Max
Min
Max
Min
Max
VOH
Output HIGH Voltage
1,2
3915
4120
3975
4120
3975
4120
3975
4120
mV
VOL
Output LOW Voltage
1,2
3100
3445
3100
3380
3100
3380
3100
3380
mV
VIH
Input HIGH Voltage D,EN (ECL)
3
3835
4610
3835
4610
3835
4610
3835
4610
mV
Input HIGH Voltage EN (CMOS)
4
2000
VCC
2000
VCC
2000
VCC
2000
VCC
mV
VIL
Input LOW Voltage D,EN (ECL)
3
2750
3525
2750
3525
2750
3525
2750
3525
mV
Input LOW Voltage EN (CMOS)
4
GND
800
GND
800
GND
800
GND
800
mV
VBB
Reference Voltage
1
3610
3750
3610
3750
3610
3750
3610
3750
mV
IIH
Input HIGH Current EN
150
150
150
150
µA
IIL
Input LOW Current EN (ECL)
3
0.5
0.5
0.5
0.5
µA
Input LOW Current EN (CMOS)
4
-150
-150
-150
-150
IEE
Power Supply Current
5
31
31
31
34
mA
1
For supply voltages other than 3.3V, use the ECL table values and ADD supply voltage value
2
Specified with each output terminated through 50
resistors to V
CC - 2V.
3
EN-SEL connected to VEE through a 20k
Ω resistor
4
EN-SEL connected to VEE or left open (NC)
5
DIV-SEL left open (NC)
Table 8 - AC Characteristics
AC Characteristics (VEE = -3.0V to -5.5V; VCC=GND or VEE=GND; VCC = +3.0V to +5.5V)
Symbol
Characteristic
-40
°C
0
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
tPLH/tPHL
Propagation
Delay
D to Q/Qb
1
450
450
450
450
ps
D to QHG/QbHG
1
600
600
600
600
ps
tSKEW
Duty Cycle
Skew
2
5
20
5
20
5
20
5
20
ps
Vpp (AC)
Input Swing
3
Differential
150
1000
150
1000
150
1000
150
1000
mV
Input Swing
3
Single Ended
300
2000
300
2000
300
2000
300
2000
tr/tf
Output Rise/Fall
1
(20% - 80%)
80
200
80
200
80
200
80
200
ps
1
Specified with each output terminated through 50
resistors to V
CC - 2V.
2
Duty cycle skew is the difference between a tPLH and tPHL propagation delay through a device.
3
VPP is the peak-to-peak differential input swing for which AC parameters are guaranteed.
4
Range valid for AC coupled signals only


Numéro de pièce similaire - AZP92NAG

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AZP92NAG ETC1-AZP92NAG Datasheet
119Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
Arizona Microtek, Inc
AZP92NAG AZM-AZP92NAG Datasheet
106Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP92NAG AZM-AZP92NAG Datasheet
171Kb / 9P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP92NAG AZM-AZP92NAG Datasheet
489Kb / 8P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
More results

Description similaire - AZP92NAG

FabricantNo de pièceFiches techniqueDescription
logo
Arizona Microtek, Inc
AZP92 AZM-AZP92 Datasheet
106Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP92 AZM-AZP92_12 Datasheet
489Kb / 8P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
List of Unclassifed Man...
AZP92 ETC1-AZP92 Datasheet
119Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
Arizona Microtek, Inc
AZP92 AZM-AZP92_09 Datasheet
171Kb / 9P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP94 AZM-AZP94_09 Datasheet
202Kb / 10P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
AZP94 AZM-AZP94 Datasheet
141Kb / 8P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
AZP94_1205 AZM-AZP94_1205 Datasheet
545Kb / 9P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
logo
ON Semiconductor
MC100LVEL37 ONSEMI-MC100LVEL37 Datasheet
72Kb / 3P
   1:4 첨1/첨2 ECL/PECL Clock Fanout Buffer
1997 REV 0
logo
Micrel Semiconductor
SY100S838 MICREL-SY100S838 Datasheet
73Kb / 4P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834 Datasheet
67Kb / 4P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com