Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU34UA3WNVX-TL Fiches technique(PDF) 1 Page - Rohm

No de pièce BU34UA3WNVX-TL
Description  Versatile Package FULL CMOS LDO Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU34UA3WNVX-TL Fiches technique(HTML) 1 Page - Rohm

  BU34UA3WNVX-TL Datasheet HTML 1Page - Rohm BU34UA3WNVX-TL Datasheet HTML 2Page - Rohm BU34UA3WNVX-TL Datasheet HTML 3Page - Rohm BU34UA3WNVX-TL Datasheet HTML 4Page - Rohm BU34UA3WNVX-TL Datasheet HTML 5Page - Rohm BU34UA3WNVX-TL Datasheet HTML 6Page - Rohm BU34UA3WNVX-TL Datasheet HTML 7Page - Rohm BU34UA3WNVX-TL Datasheet HTML 8Page - Rohm BU34UA3WNVX-TL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RBR0A300040-1-2
TSZ22111・14・001
1/11
21.MAR.2013.Rev.003
Datasheet
CMOS LDO Regulator Series for Portable Equipments
Versatile Package
FULL CMOS LDO Regulator
BUxxUA3WNVX series
●General Description
BUxxUA3WNVX
series
is
high-performance
FULL
CMOS regulator with 300-mA output, which is mounted
on versatile package SSON004X1010 (1.00mm
× 1.00
mm
× 0.60mm). It has excellent noise characteristics and
load responsiveness characteristics despite its low circuit
current consumption of 50
μA. It is most appropriate for
various applications such as power supplies for logic IC,
RF, and camera modules.ROHM’s.
●Features
High accuracy detection
low current consumption
Compatible with small ceramic capacitor (Cin=Co=1.0uF)
With built-in output discharge circuit
High ripple rejection
ON/OFF control of output voltage
With built-in over current protection circuit
and thermal shutdown circuit
Low dropout voltage
●Typical Application Circuit
●Key Specifications
Output voltage:
1.0V to 3.7V
Accuracy output voltage:
±1.0% (±25mV)
Low current consumption:
50
μA
Operating temperature range:
-40°C to +85°C
●Applications
Battery-powered portable equipment, etc.
●Package
SSON004X1010 :
1.00mm x 1.00mm x 0.60mm
Fig.1 Application Circuit
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays.
STBY
VIN
GND
STBY
GND
GND
VOUT
VOUT
VIN


Numéro de pièce similaire - BU34UA3WNVX-TL

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU34UC3WG-TL ROHM-BU34UC3WG-TL Datasheet
1Mb / 26P
   High accuracy detection
BU34UC3WG-TR ROHM-BU34UC3WG-TR Datasheet
1Mb / 26P
   High accuracy detection
More results

Description similaire - BU34UA3WNVX-TL

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU30TD3WG-TR ROHM-BU30TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG ROHM-BU33TD3WG Datasheet
1,018Kb / 15P
   Versatile Package FULL CMOS LDO Regulator
BU28TD3WG-TR ROHM-BU28TD3WG-TR Datasheet
483Kb / 10P
   Versatile Package FULL CMOS LDO Regulator
BU10UB3WG-GTR ROHM-BU10UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU21TD3WG-TR ROHM-BU21TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG-TR ROHM-BU18TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG-TR ROHM-BU33TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU25TD3WG-TR ROHM-BU25TD3WG-TR Datasheet
615Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG ROHM-BU18TD3WG Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator High ripple rejection
BU2JTH5WNVX ROHM-BU2JTH5WNVX Datasheet
570Kb / 13P
   High Ripple Rejection, Low Current Consumption, Versatile Package FULL CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com