Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU45K412 Fiches technique(PDF) 6 Page - Rohm

No de pièce BU45K412
Description  Counter Timer Built-in CMOS Voltage Detector IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU45K412 Fiches technique(HTML) 6 Page - Rohm

Back Button BU45K412 Datasheet HTML 2Page - Rohm BU45K412 Datasheet HTML 3Page - Rohm BU45K412 Datasheet HTML 4Page - Rohm BU45K412 Datasheet HTML 5Page - Rohm BU45K412 Datasheet HTML 6Page - Rohm BU45K412 Datasheet HTML 7Page - Rohm BU45K412 Datasheet HTML 8Page - Rohm BU45K412 Datasheet HTML 9Page - Rohm BU45K412 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0R7R0G300130-1-2
TSZ22111
15
001
6/14
17.May.2013 Rev.003
BU45Kxxxx, BU46Kxxxx, BU45Lxxxx, BU46Lxxxx series
Datasheet
Typical Performance Curves
0
1
2
3
4
5
6
7
8
0
1
2
3
4
5
6
7
VDD SUPPLY VOLTAGE:VDD[V]
Ta=25°C
Ta=-40°C
Ta=105°C
Fig.6 I/O Characteristics
BU45K232G
Fig.5 “HIGH” Output Current
VDD=6V
0
10
20
30
40
50
0
1
2
3
4
5
DRAIN-SOURCE VOLTAGE:VDS[V]
BU46K232G
Ta=25°C
Ta=-40°C
Ta=105°C
Fig.3 Circuit Current
0
1
2
3
4
5
6
0
1
2
3
4
5
6
7
VDD SUPPLY VOLTAGE:VDD[V]
Ta=25°C
Ta=-40°C
Ta=105°C
BU45K232G
0
2
4
6
8
10
12
14
16
0
1
2
3
4
5
6
7
DRAIN-SOURCE VOLTAGE:V
DS[V]
Ta=105°C
Ta=25°C
Ta=-40°C
BU45K232G
Fig.4 “Low” Output Current
VDD=1.2V


Numéro de pièce similaire - BU45K412

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BU4506 PHILIPS-BU4506 Datasheet
44Kb / 6P
   Silicon Diffused Power Transistor
July 1999 Rev 1.000
BU4506 PHILIPS-BU4506 Datasheet
45Kb / 6P
   Silicon Diffused Power Transistor
July 1999 Rev 1.000
BU4506AF PHILIPS-BU4506AF Datasheet
44Kb / 6P
   Silicon Diffused Power Transistor
July 1999 Rev 1.000
logo
Inchange Semiconductor ...
BU4506AF ISC-BU4506AF Datasheet
244Kb / 2P
   isc Silicon NPN Power Transistor
logo
NXP Semiconductors
BU4506AX PHILIPS-BU4506AX Datasheet
45Kb / 6P
   Silicon Diffused Power Transistor
July 1999 Rev 1.000
More results

Description similaire - BU45K412

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD45451G-TR ROHM-BD45451G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45301G-TR ROHM-BD45301G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45312G-TR ROHM-BD45312G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45EXXXX-M ROHM-BD45EXXXX-M Datasheet
1Mb / 18P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45E235G-MTR ROHM-BD45E235G-MTR Datasheet
427Kb / 17P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45235G-TR ROHM-BD45235G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45XXG ROHM-BD45XXG_09 Datasheet
280Kb / 10P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45485 ROHM-BD45485 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC)
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
BD45XXXG ROHM-BD45XXXG Datasheet
222Kb / 6P
   Voltage Detector IC built in Delay Citcuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com