Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU2FSA4WGWL Fiches technique(PDF) 4 Page - Rohm

No de pièce BU2FSA4WGWL
Description  1ch 200mA CMOS LDO Regulators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU2FSA4WGWL Fiches technique(HTML) 4 Page - Rohm

  BU2FSA4WGWL Datasheet HTML 1Page - Rohm BU2FSA4WGWL Datasheet HTML 2Page - Rohm BU2FSA4WGWL Datasheet HTML 3Page - Rohm BU2FSA4WGWL Datasheet HTML 4Page - Rohm BU2FSA4WGWL Datasheet HTML 5Page - Rohm BU2FSA4WGWL Datasheet HTML 6Page - Rohm BU2FSA4WGWL Datasheet HTML 7Page - Rohm BU2FSA4WGWL Datasheet HTML 8Page - Rohm BU2FSA4WGWL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Datasheet
Datasheet
4/34
TSZ02201-0RBR0A300100-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
2013.04.04 Rev.001
www.rohm.com
TSZ22111・15・001
BUxxSA4 series
●Electrical Characteristics
(Unless otherwise noted, Ta=-25℃, VIN=VOUT+1.0V
(*6), VSTBY=1.5V, Cin=1μF, Cout=1μF.)
PARAMETER
Symbol
Limit
Unit
Conditions
MIN.
TYP.
MAX.
Output Voltage 1
VOUT1
VOUT
×0.994
VOUT
VOUT
×1.006
V
IOUT = 10
μA, VOUT≧2.5V
VOUT
-15mV
VOUT
+15mV
IOUT = 10
μA, VOUT<2.5V
Output Voltage 2
VOUT2
VOUT
×0.98
VOUT
VOUT
×1.02
V
IOUT=0 to 200mA, VOUT≧2.5V
VIN=VOUT+0.5 to 5.5V
Ta=-40 to +85℃
(*3,4,5)
VOUT
-50mV
VOUT
+50mV
IOUT=0 to 200mA, VOUT<2.5V
VIN=3.0 to 5.5V
Ta=-40 to +85℃
(*3,4,5)
Circuit Current 1
IGND1
-
40
65
μA
IOUT=0mA
Circuit Current 2
IGND2
-
40
80
μA
Ta=-40 to +85℃
(*4), IOUT=0mA
Circuit Current (STBY)
ICCST
-
-
1.0
μA
STBY=0V
Ripple Rejection Ratio1
RR1
-
70
-
dB
VRR=-20dBv,fRR=1kHz,IOUT=10mA
Ripple Rejection Ratio2
RR2
-
55
-
dB
VRR=-20dBv,fRR=10kHz,IOUT=10mA
Ripple Rejection Ratio3
RR3
-
45
-
dB
VRR=-20dBv,fRR=100kHz,IOUT=10mA
Dropout Voltage
VDROP
-
80
150
mV
VIN=0.98×VOUT, IOUT=100mA
Ta=-40 to +85℃, VOUT≧2.5V
-
150
360
mV
VIN=0.98×VOUT, IOUT=100mA
Ta=-40 to +85℃, VOUT<2.5V
Load transient resp.
VLOT
-
±65
-
mV
Io=1 to 150mA,Trise=Tfall=1μs,
VIN=VOUT+1.0V
(*4)
Line Transient resp.
VLIT
-
±5
-
mV
VIN=VOUT+0.5 to VOUT+1.0V,
Trise=Tfall=10μs
Output noise voltage
VNOIS
-
30
-
μVrms Bandwidth 10 to 100kHz
Startup time
TST
-
100
300
μsec
Output voltage settled
within tolerancies
Line Regulation
VDLI
-
2
8
mV
IOUT=10mA VIN=VOUT+0.5 to 5.5V
(*5)
Load Regulation1
VDLO1
-
2
8
mV
IOUT=1 to 100mA
Load Regulation2
VDLO2
-
4
16
mV
IOUT=1 to 200mA
Maximum Output Current
IOMAX
200
-
-
mA
VIN=VOUT+1.0V
(*6)
Limit Current
ILMAX
250
400
-
mA
Vo=VOUT×0.98
Short Current
ISHORT
-
100
200
mA
Vo=0V
STBY Pin Current
ISTBY
-
-
4.0
μA
Ta=-40 to +85℃
STBY Control
Voltage
ON
VSTBH
1.1
-
VIN
V
OFF
VSTBL
-0.2
-
0.5
V
(*3) Operating conditions are limited by Pd.
(*4) Typical values apply for Ta=25℃.
(*5) VIN=3.0V to 5.0V for VOUT<2.5V.
(*6) VIN=3.5V for VOUT<2.5V.


Numéro de pièce similaire - BU2FSA4WGWL

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU2FUA3WNVX-TL ROHM-BU2FUA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU2FUC3WG-TL ROHM-BU2FUC3WG-TL Datasheet
1Mb / 26P
   High accuracy detection
BU2FUC3WG-TR ROHM-BU2FUC3WG-TR Datasheet
1Mb / 26P
   High accuracy detection
More results

Description similaire - BU2FSA4WGWL

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU15TA2WNVX ROHM-BU15TA2WNVX_11 Datasheet
1Mb / 30P
   1ch 200mA CMOS LDO Regulators
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com