Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KSB1023 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce KSB1023
Description  Power Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSB1023 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  KSB1023 Datasheet HTML 1Page - Fairchild Semiconductor KSB1023 Datasheet HTML 2Page - Fairchild Semiconductor KSB1023 Datasheet HTML 3Page - Fairchild Semiconductor KSB1023 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturating Voltage
Figure 4. Base-Emitter On Voltage
Figure 5. Safe Operating Area
Figure 6. Power Derating
-0
-1
-2
-3
-4
-5
-0
-1
-2
-3
-4
-5
IB = -250uA
IB = -275uA
IB = -200uA
IB = -300uA
IB = -225
uA
IB = -175uA
IB = 0
VCE[V], COLLECTOR-EMITTER VOLTAGE
-0.1
-1
-10
100
1k
10k
VCE = -2V
IC[A], COLLECTOR CURRENT
-0.1
-1
-10
-0.1
-1
-10
IC = 500 IB
VCE(sat)
VBE(sat)
IC[A], COLLECTOR CURRENT
-0.0
-0.8
-1.6
-2.4
-3.2
-0
-1
-2
-3
-4
VCE = -2V
VBE[V], BASE-EMITTER VOLTAGE
110
100
0.1
1
10
IC,max(pulse)
IC,max(DC)
VCE[V], COLLECTOR-EMITTER VOLTAGE
050
100
150
0
4
8
12
16
20
24
28
32
TC[
o
C], CASE TEMPERATURE


Numéro de pièce similaire - KSB1023

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KSB1023 FAIRCHILD-KSB1023 Datasheet
51Kb / 4P
   Power Amplifier Applications
KSB1023TU FAIRCHILD-KSB1023TU Datasheet
51Kb / 4P
   Power Amplifier Applications
More results

Description similaire - KSB1023

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
2SC2881 UTC-2SC2881_15 Datasheet
175Kb / 4P
   VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SC2881 TOSHIBA-2SC2881_04 Datasheet
146Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
2SC2882 TOSHIBA-2SC2882_04 Datasheet
125Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1201 TOSHIBA-2SA1201_07 Datasheet
146Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
logo
Unisonic Technologies
2SC2881 UTC-2SC2881 Datasheet
115Kb / 3P
   VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SA1201 TOSHIBA-2SA1201_09 Datasheet
158Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_09 Datasheet
142Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1202 TOSHIBA-2SA1202_07 Datasheet
130Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
   Power Amplifier Applications Power Switching Applications
2SA1761 TOSHIBA-2SA1761_09 Datasheet
186Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SA1892 TOSHIBA-2SA1892_06 Datasheet
159Kb / 5P
   Power Amplifier Applications Power Switching Applications
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com