Moteur de recherche de fiches techniques de composants électroniques |
|
3-1462000-1 Fiches technique(PDF) 5 Page - Tyco Electronics |
|
3-1462000-1 Fiches technique(HTML) 5 Page - Tyco Electronics |
5 / 9 page MT2 Relay 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 -60 -50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100 110 120 150 mW coil 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 -60 -50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100 110 120 200 mW coil 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 -60 -50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100 110 120 300 mW coil 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 -60 -50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100 110 120 400 mW coil 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 -60 -50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100 110 120 550 mW coil U nom = Nominal coil voltage U max. = Upper limit of the operative range of the coil voltage (limiting voltage) when coils are continously energized U op. min. = Lower limit of the operative range of the coil voltage (reliable operate voltage) U rel. min. = Lower limit of the operative range of the coil voltage (reliable release voltage) Coil operating range Page 5 (9) 108-98006 Rev. C Umax. at 0 A Umax. at 2 x 2 A Umax. at 2 x 1 A Unom. nominal coil voltage Uop. min. Urel. min. Ambient Temperature [°C] Umax. at 0 A Umax. at 2 x 2 A Umax. at 2 x 1 A Uop. min. Urel. min. Ambient Temperature [°C] Umax. at 0 A Umax. at 2 x 2 A Umax. at 2 x 1 A Unom. nominal coil voltage Uop. min. Urel. min. Umax. at 0 A Umax. at 2 x 2 A Umax. at 2 x 1 A Unom. nominal coil voltage Uop. min. Urel. min. Umax. at 0 A Umax. at 2 x 2 A Umax. at 2 x 1 A Unom. nominal coil voltage Uop. min. Urel. min. Ambient Temperature [°C] Ambient Temperature [°C] Ambient Temperature [°C] 150 mW 200 mW 300 mW 400 mW 550 mW Unom. nominal coil voltage |
Numéro de pièce similaire - 3-1462000-1 |
|
Description similaire - 3-1462000-1 |