Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KM4212IM8TR3 Fiches technique(PDF) 10 Page - Fairchild Semiconductor

No de pièce KM4212IM8TR3
Description  Dual, 70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amp
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM4212IM8TR3 Fiches technique(HTML) 10 Page - Fairchild Semiconductor

Back Button KM4212IM8TR3 Datasheet HTML 2Page - Fairchild Semiconductor KM4212IM8TR3 Datasheet HTML 3Page - Fairchild Semiconductor KM4212IM8TR3 Datasheet HTML 4Page - Fairchild Semiconductor KM4212IM8TR3 Datasheet HTML 5Page - Fairchild Semiconductor KM4212IM8TR3 Datasheet HTML 6Page - Fairchild Semiconductor KM4212IM8TR3 Datasheet HTML 7Page - Fairchild Semiconductor KM4212IM8TR3 Datasheet HTML 8Page - Fairchild Semiconductor KM4212IM8TR3 Datasheet HTML 9Page - Fairchild Semiconductor KM4212IM8TR3 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICES TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD
DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT
RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT
OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein:
1.
Life support devices or systems are devices or systems which, (a) are intended for
surgical implant into the body, or (b) support or sustain life, and (c) whose failure to
perform when properly used in accordance with instructions for use provided in the
labeling, can be reasonably expected to result in a significant injury of the user.
2.
A critical component in any component of a life support device or system whose
failure to perform can be reasonably expected to cause the failure of the life
support device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com
© 2001 Fairchild Semiconductor Corporation
KM4212
DATA SHEET
Ordering Information
Model
Part Number
Package
Container
Pack Qty
KM4212
KM4212IC8
SOIC-8
Rail
95
KM4212
KM4212IC8TR3
SOIC-8
Reel
2500
KM4212
KM4212IM8
MSOP-8
Rail
50
KM4212
KM4212IM8TR3
MSOP-8
Reel
4000
Temperature range for all parts: -40°C to +85°C


Numéro de pièce similaire - KM4212IM8TR3

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KM4210 FAIRCHILD-KM4210 Datasheet
77Kb / 2P
   Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
KM4210IM8 FAIRCHILD-KM4210IM8 Datasheet
77Kb / 2P
   Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
KM4210IM8TR3 FAIRCHILD-KM4210IM8TR3 Datasheet
77Kb / 2P
   Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
KM4211 FAIRCHILD-KM4211 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
KM4211IC8 FAIRCHILD-KM4211IC8 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
More results

Description similaire - KM4212IM8TR3

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
KM4211 FAIRCHILD-KM4211 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
KM4200 FAIRCHILD-KM4200 Datasheet
322Kb / 11P
   Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4270 FAIRCHILD-KM4270 Datasheet
96Kb / 2P
   Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4170 FAIRCHILD-KM4170 Datasheet
459Kb / 16P
   Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
KM4100 FAIRCHILD-KM4100 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
logo
Exar Corporation
CLC1010 EXAR-CLC1010 Datasheet
1Mb / 15P
   Low Cost, 2.5 to 5.5V, 7.3MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com