Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KM4101IC8TR3 Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce KM4101IC8TR3
Description  Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM4101IC8TR3 Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  KM4101IC8TR3 Datasheet HTML 1Page - Fairchild Semiconductor KM4101IC8TR3 Datasheet HTML 2Page - Fairchild Semiconductor KM4101IC8TR3 Datasheet HTML 3Page - Fairchild Semiconductor KM4101IC8TR3 Datasheet HTML 4Page - Fairchild Semiconductor KM4101IC8TR3 Datasheet HTML 5Page - Fairchild Semiconductor KM4101IC8TR3 Datasheet HTML 6Page - Fairchild Semiconductor KM4101IC8TR3 Datasheet HTML 7Page - Fairchild Semiconductor KM4101IC8TR3 Datasheet HTML 8Page - Fairchild Semiconductor KM4101IC8TR3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
REV. 1A February 2001
5
KM4100/KM4101 Performance Characteristics (Vs = +5V, G = 2, Rf = 2kΩ, RL = 2kΩ to Vs/2; unless noted)
2nd & 3rd Harmonic Distortion; Vs = +5V
Frequency (MHz)
0
5
10
15
3rd
RL = 150Ω
20
2nd
RL = 150Ω
3rd
RL = 2kΩ
2nd
RL = 2kΩ
-90
-80
-70
-60
-50
-40
-30
-20
Vo = 2Vpp
Rf = 1kΩ
2nd & 3rd Harmonic Distortion; Vs = +2.7V
Frequency (MHz)
0
5
10
15
2nd
RL = 150Ω
20
3rd
RL = 150Ω
3rd
RL = 2kΩ
2nd
RL = 2kΩ
-90
-80
-70
-60
-50
-40
-30
-20
Vo = 1Vpp
Rf = 1kΩ
2nd Harmonic Distortion vs. Vo
Output Amplitude (Vpp)
0.5
1.0
1.5
2.0
20MHz
10MHz
5MHz
2.5
-90
-80
-70
-60
-50
-40
-30
-20
Rf = 1kΩ
3rd Harmonic Distortion vs. Vo
Output Amplitude (Vpp)
0.5
1.0
1.5
2.0
20MHz
10MHz
5MHz
2.5
-90
-80
-70
-60
-50
-40
-30
-20
Rf = 1kΩ
PSRR
Frequency (MHz)
1k
0.01
0.1
1
100
-70
-60
-50
-40
-30
-20
-10
0
10
CMRR
Frequency (MHz)
0.01
0.1
1.0
10
100
-90
-80
-70
-60
-50
-40
Open Loop Gain & Phase vs. Frequency
Frequency (MHz)
-20
-10
0
10
20
-180
-135
-90
-45
0
30
40
50
60
70
80
0.01
0.1
1
10
100
|Gain|
Phase
Output Current
Output Current (mA)
-100
-50
0
50
100
Linear output current +60mA
-0.8
-0.6
-0.2
0
0.2
0.4
0.6
0.8
-0.4
Short circuit current +90mA
KM4100/KM4101
DATA SHEET


Numéro de pièce similaire - KM4101IC8TR3

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4110IT5 FAIRCHILD-KM4110IT5 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4110IT5TR3 FAIRCHILD-KM4110IT5TR3 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
More results

Description similaire - KM4101IC8TR3

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4200 FAIRCHILD-KM4200 Datasheet
322Kb / 11P
   Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4170 FAIRCHILD-KM4170 Datasheet
459Kb / 16P
   Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
   Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Fairchild Semiconductor
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
KM4270 FAIRCHILD-KM4270 Datasheet
96Kb / 2P
   Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com