Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KM4100IT5 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce KM4100IT5
Description  Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM4100IT5 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  KM4100IT5 Datasheet HTML 1Page - Fairchild Semiconductor KM4100IT5 Datasheet HTML 2Page - Fairchild Semiconductor KM4100IT5 Datasheet HTML 3Page - Fairchild Semiconductor KM4100IT5 Datasheet HTML 4Page - Fairchild Semiconductor KM4100IT5 Datasheet HTML 5Page - Fairchild Semiconductor KM4100IT5 Datasheet HTML 6Page - Fairchild Semiconductor KM4100IT5 Datasheet HTML 7Page - Fairchild Semiconductor KM4100IT5 Datasheet HTML 8Page - Fairchild Semiconductor KM4100IT5 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
-
1
2
3
Out
-Vs
+In
+Vs
-In
6
4
5
DIS
SOT23-6 (KM4101)
-
+
1
2
3
4
NC
-In
+In
-Vs
DIS
+Vs
Out
NC
8
7
6
5
SOIC (KM4101)
Features
s
260MHz bandwidth
s
Fully specified at +2.7V and +5V supplies
s
Output voltage range:
0.036V to 4.953V; Vs = +5; RL = 2kΩ
s
Input voltage range: -0.3V to +3.8V; Vs = +5
s
150V/
µs slew rate
s
4.2mA supply current
s
Power down to Is = 127µA (KM4101)
s
±60mA linear output current
s
±90mA output short circuit current
s
Directly replaces AD8051 and LM7131 in single
supply applications
s
Small package options (SOT-23, SOIC)
Applications
s
A/D driver
s
Active filters
s
CCD imaging systems
s
CD/DVD ROM
s
Coaxial cable drivers
s
High capacitive load driver
s
Portable/battery-powered applications
s
Twisted pair driver
s
Video driver
General Description
The KM4100 (single) and KM4101 (single with
disable) are low cost, voltage feedback amplifiers.
These amplifiers are designed to operate on +2.7V,
+5V, or ±2.5V supplies. The input voltage range
extends 300mV below the negative rail and 1.2V
below the positive rail.
The KM4100 offers superior dynamic performance
with a 260MHz small signal bandwidth and 150V/
µs
slew rate. The combination of low power, high
output current drive, and rail-to-rail performance
make the KM4100 well suited for battery-powered
communication/computing systems.
The combination of low cost and high performance
make the KM4100 suitable for high volume applications
in both consumer and industrial applications such as
wireless phones, scanners, and color copiers.
KM4100/KM4101
Low Cost, +2.7V and +5V, 260MHz Rail-to-Rail Amplifiers
www.fairchildsemi.com
REV. 1A February 2001
Output Swing
Time (0.5
µs/div)
2.7
0
Vs = +2.7V
RL = 2kΩ
G = -1
KM4100/KM4101 Packages
-
1
2
3
Out
-Vs
+In
+Vs
-In
5
4
SOT23-5 (KM4100)
-
+
1
2
3
4
NC
-In
+In
-Vs
NC
+Vs
Out
NC
8
7
6
5
SOIC (KM4100)


Numéro de pièce similaire - KM4100IT5

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4110IT5 FAIRCHILD-KM4110IT5 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4110IT5TR3 FAIRCHILD-KM4110IT5TR3 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
More results

Description similaire - KM4100IT5

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4200 FAIRCHILD-KM4200 Datasheet
322Kb / 11P
   Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4170 FAIRCHILD-KM4170 Datasheet
459Kb / 16P
   Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
   Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Fairchild Semiconductor
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
KM4270 FAIRCHILD-KM4270 Datasheet
96Kb / 2P
   Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com