Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCP52-10 Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce BCP52-10
Description  60 V, 1 A PNP medium power transistors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCP52-10 Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button BCP52-10 Datasheet HTML 6Page - NXP Semiconductors BCP52-10 Datasheet HTML 7Page - NXP Semiconductors BCP52-10 Datasheet HTML 8Page - NXP Semiconductors BCP52-10 Datasheet HTML 9Page - NXP Semiconductors BCP52-10 Datasheet HTML 10Page - NXP Semiconductors BCP52-10 Datasheet HTML 11Page - NXP Semiconductors BCP52-10 Datasheet HTML 12Page - NXP Semiconductors BCP52-10 Datasheet HTML 13Page - NXP Semiconductors BCP52-10 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
BCP52_BCX52_BC52PA
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 9 — 18 October 2011
10 of 22
NXP Semiconductors
BCP52; BCX52; BC52PA
60 V, 1 A PNP medium power transistors
FR4 PCB, single-sided copper, standard footprint
Fig 10. Transient thermal impedance from junction to ambient as a function of pulse duration for SOT1061;
typical values
FR4 PCB, single-sided copper, mounting pad for collector 1 cm2
Fig 11. Transient thermal impedance from junction to ambient as a function of pulse duration for SOT1061;
typical values
006aac683
10
1
102
103
Zth(j-a)
(K/W)
10–1
10–5
10
10–2
10–4
102
10–1
tp (s)
10–3
103
1
0
duty cycle = 1
0.01
0.05
0.1
0.2
0.33
0.5
0.75
0.02
0.25
006aac684
10
1
102
103
Zth(j-a)
(K/W)
10–1
10–5
10
10–2
10–4
102
10–1
tp (s)
10–3
103
1
0
duty cycle = 1
0.01
0.05
0.1
0.2
0.33
0.5
0.75
0.02
0.25


Numéro de pièce similaire - BCP52-10

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BCP52-10 SIEMENS-BCP52-10 Datasheet
140Kb / 5P
   PNP Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Infineon Technologies A...
BCP52-10 INFINEON-BCP52-10 Datasheet
48Kb / 5P
   PNP Silicon AF Transistors
Nov-29-2001
logo
Micro Commercial Compon...
BCP52-10 MCC-BCP52-10 Datasheet
455Kb / 5P
   PNP Plastic-Encapsulate Transistors
logo
Nexperia B.V. All right...
BCP52-10 NEXPERIA-BCP52-10 Datasheet
1Mb / 22P
   60 V, 1 A PNP medium power transistors
Rev. 9 - 18 October 2011
BCP52-10 NEXPERIA-BCP52-10 Datasheet
247Kb / 12P
   60 V, 1 A NPN medium power transistors
Rev. 9 - 1 July 2022
More results

Description similaire - BCP52-10

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BCP52 PHILIPS-BCP52_15 Datasheet
1Mb / 22P
   60 V, 1 A PNP medium power transistors
Rev. 9-18 October 2011
logo
Nexperia B.V. All right...
BC52XPAS_SER NEXPERIA-BC52XPAS_SER Datasheet
261Kb / 11P
   60 V, 1 A PNP medium power transistors
6 December 2022
logo
NXP Semiconductors
BCP52 NXP-BCP52 Datasheet
122Kb / 12P
   60 V, 1 A PNP medium power transistors
Rev. 08-25 February 2008
logo
Nexperia B.V. All right...
BCP52 NEXPERIA-BCP52 Datasheet
1Mb / 22P
   60 V, 1 A PNP medium power transistors
Rev. 9 - 18 October 2011
BCP52T_SER NEXPERIA-BCP52T_SER Datasheet
273Kb / 14P
   60 V, 1 A PNP medium power transistors
Rev. 1 - 29 April 2019
BC51PAS NEXPERIA-BC51PAS Datasheet
903Kb / 15P
   45 V/60 V/80 V, 1 A PNP medium power transistors
BSR31 NEXPERIA-BSR31 Datasheet
180Kb / 7P
   60 V, 1 A PNP medium power transistor
10 March 2023
BSR31-Q NEXPERIA-BSR31-Q Datasheet
181Kb / 7P
   60 V, 1 A PNP medium power transistor
10 March 2023
BSR30 NEXPERIA-BSR30 Datasheet
181Kb / 7P
   60 V, 1 A PNP medium power transistor
10 March 2023
BSR30-Q NEXPERIA-BSR30-Q Datasheet
181Kb / 7P
   60 V, 1 A PNP medium power transistor
10 March 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com