Moteur de recherche de fiches techniques de composants électroniques |
|
BAS40-06W Fiches technique(PDF) 7 Page - NXP Semiconductors |
|
BAS40-06W Fiches technique(HTML) 7 Page - NXP Semiconductors |
7 / 21 page BAS40_1PSXXSB4X_SER_8 © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 08 — 13 January 2010 7 of 21 NXP Semiconductors BAS40 series; 1PSxxSB4x series General-purpose Schottky diodes 6. Thermal characteristics [1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint. [2] Reflow soldering is the only recommended soldering method. [3] Soldering point at pins 2, 3, 5 and 6. 7. Characteristics [1] Pulse test: tp ≤ 300 μs; δ≤ 0.02. Table 7. Thermal characteristics Symbol Parameter Conditions Min Typ Max Unit Per device Rth(j-a) thermal resistance from junction to ambient in free air [1] SOT23 - - 500 K/W SOT143B - - 500 K/W SOT363 (1PS88SB48) - - 416 K/W SOT416 - - 833 K/W SOT666 (BAS40-05V) [2] -- 225 K/W SOT666 (BAS40-07V) [2] -- 416 K/W SOD123F [2] -- 330 K/W SOD323 - - 450 K/W SOD523 [2] -- 450 K/W SOD882 [2] -- 500 K/W SOT323 - - 625 K/W Rth(j-sp) thermal resistance from junction to solder point SOT363 (BAS40XY) [3] -- 260 K/W Table 8. Characteristics Tamb =25 °C unless otherwise specified. Symbol Parameter Conditions Min Typ Max Unit Per diode VF forward voltage [1] IF = 1 mA - - 380 mV IF = 10 mA - - 500 mV IF =40mA - - 1 V IR reverse current VR =30V - - 1 μA VR =40V - - 10 μA Cd diode capacitance VR =0V; f=1MHz - - 5 pF |
Numéro de pièce similaire - BAS40-06W |
|
Description similaire - BAS40-06W |