Moteur de recherche de fiches techniques de composants électroniques |
|
BAS40H Fiches technique(PDF) 8 Page - NXP Semiconductors |
|
BAS40H Fiches technique(HTML) 8 Page - NXP Semiconductors |
8 / 21 page BAS40_1PSXXSB4X_SER_8 © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 08 — 13 January 2010 8 of 21 NXP Semiconductors BAS40 series; 1PSxxSB4x series General-purpose Schottky diodes (1) Tamb = 125 °C (2) Tamb =85 °C (3) Tamb =25 °C (4) Tamb = −40 °C (1) Tamb = 125 °C (2) Tamb =85 °C (3) Tamb =25 °C Fig 1. Forward current as a function of forward voltage; typical values Fig 2. Reverse current as a function of reverse voltage; typical values f=10 kHz Tamb =25 °C; f = 1 MHz Fig 3. Differential resistance as a function of forward current; typical values Fig 4. Diode capacitance as a function of reverse voltage; typical values 102 10−1 10−2 10 1 0 mlc361 0.6 0.8 0.4 0.2 1 VF (V) IF (mA) (1) (2) (3) (4) 103 102 10−1 10−2 10 1 0 mlc362 20 10 40 30 VR (V) IR ( μA) (1) (2) (3) mlc364 1 103 10−1 102 110 102 10 rdif ( Ω) IF (mA) 010 20 40 30 5 0 4 mlc363 3 2 1 VR (V) Cd (pF) |
Numéro de pièce similaire - BAS40H |
|
Description similaire - BAS40H |