Moteur de recherche de fiches techniques de composants électroniques |
|
74LVC1G08GW Fiches technique(PDF) 7 Page - NXP Semiconductors |
|
74LVC1G08GW Fiches technique(HTML) 7 Page - NXP Semiconductors |
7 / 19 page 74LVC1G08 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 10 — 29 June 2012 7 of 19 NXP Semiconductors 74LVC1G08 Single 2-input AND gate 12. AC waveforms Measurement points are given in Table 9. VOL and VOH are typical output voltage levels that occur with the output load. Fig 8. The input A, B to output Y propagation delays mna614 tPHL tPLH VM VM A, B input Y output GND VI VOH VOL Table 9. Measurement points Supply voltage Input Output VCC VM VM 1.65 V to 1.95 V 0.5VCC 0.5VCC 2.3 V to 2.7 V 0.5VCC 0.5VCC 2.7V 1.5V 1.5V 3.0V to 3.6V 1.5V 1.5V 4.5 V to 5.5 V 0.5VCC 0.5VCC |
Numéro de pièce similaire - 74LVC1G08GW |
|
Description similaire - 74LVC1G08GW |