Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA5S1265YDTU Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce KA5S1265YDTU
Description  Fairchild Power Switch(FPS)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA5S1265YDTU Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  KA5S1265YDTU Datasheet HTML 1Page - Fairchild Semiconductor KA5S1265YDTU Datasheet HTML 2Page - Fairchild Semiconductor KA5S1265YDTU Datasheet HTML 3Page - Fairchild Semiconductor KA5S1265YDTU Datasheet HTML 4Page - Fairchild Semiconductor KA5S1265YDTU Datasheet HTML 5Page - Fairchild Semiconductor KA5S1265YDTU Datasheet HTML 6Page - Fairchild Semiconductor KA5S1265YDTU Datasheet HTML 7Page - Fairchild Semiconductor KA5S1265YDTU Datasheet HTML 8Page - Fairchild Semiconductor KA5S1265YDTU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
KA5S-SERIES KA5S0765C/KA5S09654QT/KA5S0965/KA5S12656/
3
Absolute Maximum Ratings (Continued)
(Ta=25
°C, unless otherwise specified)
Characteristic
Symbol
Value
Unit
KA5S0965
Maximum Drain Voltage
VD,MAX
650
V
Drain-Gate Voltage(RGS=1M
Ω)
VDGR
650
V
Gate-Source(GND) Voltage
VGS
±30
V
Drain Current Pulsed(1)
IDM
36
ADC
Continuous Drain Current (Tc = 25
°C)
ID
9.0
ADC
Continuous Drain Current (Tc = 100
°C)
ID
5.8
ADC
Single Pulsed Avalanch Current(3)(Energy (2))IAS(EAS)
28(950)
A(mJ)
Maximum Supply Voltage
VCC,MAX
30
V
Input Voltage Range
VFB
-0.3 to VCC
V
VSS
-0.3 to 8
V
Total Power Dissipation
PD (Watt H/S)
170
W
Derating
1.33
W /
°C
Operating Junction Temperature.
TJ
+160
°C
Operating Ambient Temperature.
TA
-25 to +85
°C
Storage Temperature Range.
TSTG
-55 to +150
°C
KA5S12656
Maximum Drain Voltage
VD,MAX
650
V
Drain-Gate Voltage(RGS=1M
Ω)
VDGR
650
V
Gate-Source(GND) Voltage
VGS
±30
V
Drain Current Pulsed(1)
IDM
48
ADC
Continuous Drain Current (Tc = 25
°C)
ID
12
ADC
Continuous Drain Current (Tc = 100
°C)
ID
8.4
ADC
Single Pulsed Avalanch Current(3)(Energy (2))IAS(EAS)
30(785)
A(mJ)
Maximum Supply Voltage
VCC,MAX
30
V
Input Voltage Range
VFB
-0.3 to VCC
V
VSS
-0.3 to 8
V
Total Power Dissipation
PD (Watt H/S)
160
W
Derating
1.28
W /
°C
Operating Junction Temperature.
TJ
+160
°C
Operating Ambient Temperature.
TA
-25 to +85
°C
Storage Temperature Range.
TSTG
-55 to +150
°C


Numéro de pièce similaire - KA5S1265YDTU

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA5S1265YDTU FAIRCHILD-KA5S1265YDTU Datasheet
213Kb / 16P
   Power Switch(FPS)
More results

Description similaire - KA5S1265YDTU

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com