Moteur de recherche de fiches techniques de composants électroniques |
|
LM259X-L14 Fiches technique(PDF) 2 Page - Pulse A Technitrol Company |
|
LM259X-L14 Fiches technique(HTML) 2 Page - Pulse A Technitrol Company |
2 / 2 page USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811 www.pulseeng.com 80 SPM2007 (2/08) B MAX .135 ± .010 3,43 0,25 C A MAX 1 A MAX PE-XXXXX DATE CODE CTRY ORIGIN 2 SUGGESTED PAD LAYOUT D C D .035 0,89 .060 1,52 2X LEAD .020 0,51 E TYP 2E PE-XXXXX DATE CODE COUNTRY OF ORIGIN A ± .005 0,13 D TYP C MAX B± .005 0,13 .130 ± .020 3,31 ± 0,51 PKG A B C D LP-25 .360 .310 .250 .250 9,14 7,87 6,35 6,35 LP-30 .400 .300 .300 .300 10,16 7,62 7,62 7,62 LP-37 .495 .375 .375 .375 12,57 9,52 9,52 9,52 LP-44 .635 .365 .500 .300 16,13 9,27 12,7 7,62 LP Series HCI-68 LCI Series Mechanicals PKG ABC D E KM-1.0 .340 .580 .650 .290 .110 8,64 14,73 16,51 7,37 2,79 KM-2.0 .450 .650 .700 .325 .150 11,43 16,51 17,73 8,26 3,81 KM-3.0 .450 830 .950 .415 .150 11,43 21,08 24,13 10,54 3,81 KM-4.0 .610 .970 1.10 .475 .225 15,50 24,64 27,94 12,07 5,72 .940 MAX 23,87 .820 ± .015 20,83 0,38 PE-XXXXX DATE CODE COUNTRY OF ORIGIN U.S. PAT. 5309130 .700 ±.005 17,78 0,13 .830 ± .005 21,08 0,13 2X .080 ±.005 2,03 0,13 R .400 MAX 10,16 SEATING PLANE SUGGESTED PAD LAYOUT .940 MAX 23,87 2 SURFACES .005/0,13 E F R 2X.060 1,52 SUGGESTED PAD LAYOUT SEATING PLANE C MAX 4 SURFACES .005/0,13 D ±.015 0,38 B MAX PE-XXXXX U.S. PAT 53091 30 DATE CODE COUNTRY OF ORIGIN A MAX KM Series Note: Coil must clear seating plane by .010 MIN 0,25 Notes: 1. Dimension “D” is measured across terminal blocks only. 2. Coil must clear seating plane by .010 MIN. 0,25 PKG A B C D E F LCI-20 .340 .340 .270 .260 .300 .270 8,64 8,64 6,86 6,60 7,62 6,86 LCI-30 .435 .440 .360 .350 .400 .360 11,05 11,18 9,14 8,89 10,16 9,14 LCI-37 .565 .570 .360 .450 .520 .460 14,35 14,48 9,14 11,43 13,21 11,68 LCI-44 .600 .620 .390 .500 .550 .510 15,24 15,75 9,91 12,7 13,97 12,95 LCI-50 .670 .700 .390 .580 .620 .590 17,02 17,78 9,91 14,73 15,75 14,99 Dimensions: Inches mm Unless otherwise specified, all tolerances are ± .010 0,25 THT/SMT POWER INDUCTORS Toroid - Designed for National’s 150kHz Simple Switcher ™ |
Numéro de pièce similaire - LM259X-L14 |
|
Description similaire - LM259X-L14 |