Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA5H0380RTU Fiches technique(PDF) 9 Page - Fairchild Semiconductor

No de pièce KA5H0380RTU
Description  Fairchild Power Switch(FPS)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA5H0380RTU Fiches technique(HTML) 9 Page - Fairchild Semiconductor

Back Button KA5H0380RTU Datasheet HTML 5Page - Fairchild Semiconductor KA5H0380RTU Datasheet HTML 6Page - Fairchild Semiconductor KA5H0380RTU Datasheet HTML 7Page - Fairchild Semiconductor KA5H0380RTU Datasheet HTML 8Page - Fairchild Semiconductor KA5H0380RTU Datasheet HTML 9Page - Fairchild Semiconductor KA5H0380RTU Datasheet HTML 10Page - Fairchild Semiconductor KA5H0380RTU Datasheet HTML 11Page - Fairchild Semiconductor KA5H0380RTU Datasheet HTML 12Page - Fairchild Semiconductor KA5H0380RTU Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
KA5X03XX-SERIES
9
Typical Performance Characteristics (Continued)
(KA5H0380R, KA5M0380R, KA5L0380R)
10
0
10
1
10
-1
10
0
10
1
@Notes:
1. 300
µsPulseTest
2. T
C = 25
oC
V
GS
Top: 15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
Bottom:4.5V
V
DS, Drain-Source Voltage [V]
2468
10
10
-1
10
0
10
1
@Notes:
1. V
DS = 30V
2. 300
µsPulseTest
-25
oC
25
oC
150
oC
V
GS, Gate-Source Voltage [V]
0.4
0.6
0.8
1.0
0.1
1
10
@Notes:
1. V
GS = 0V
2. 300
µsPulseTest
25
oC
150
oC
V
SD, Source-Drain Voltage [V]
10
0
10
1
0
100
200
300
400
500
600
700
800
900
1000
C
rss
C
oss
C
iss
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
V
DS, Drain-Source Voltage [V]
0
5
10
15
20
25
30
0
2
4
6
8
10
@Note: I
D=3.0A
V
DS=640V
V
DS=400V
V
DS=160V
Q
G,Total Gate Charge [nC]
0
123
4
0
1
2
3
4
5
6
7
8
Vgs=10V
Vgs=20V
@Note: Tj=25℃
Fig3. On-Resistance vs. Drain Current
I
D,Drain Current
Figure 1. Output Characteristics
Figure 2. Thansfer Characteristics
Figure 3. On-Resistance vs. Drain Current
Figure 4. Source-Drain Diode Forward Voltage
Figure 5. Capacitance vs. Drain-Source Voltage
Figure 6. Gate Charge vs. Gate-Source Voltage


Numéro de pièce similaire - KA5H0380RTU

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA5H0380RTU FAIRCHILD-KA5H0380RTU Datasheet
654Kb / 14P
   Fairchild Power Switch(FPS)
More results

Description similaire - KA5H0380RTU

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com