Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP150 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce ADP150
Description  Broadband, Low Error Vector Magnitude (EVM) Direct Conversion Transmitter Using LO Divide-by-2 Modulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP150 Fiches technique(HTML) 4 Page - Analog Devices

  ADP150 Datasheet HTML 1Page - Analog Devices ADP150 Datasheet HTML 2Page - Analog Devices ADP150 Datasheet HTML 3Page - Analog Devices ADP150 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CN-0311
Circuit Note
Rev. 0 | Page 4 of 4
LEARN MORE
CN0311 Design Support Package:
http://www.analog.com/CN0311-DesignSupport
ADIsimPLL Design Tool
ADIsimPower Design Tool
ADIsimRF Design Tool
Brandon, David, David Crook, and Ken Gentile. AN-0996
Application Note, The Advantages of Using a Quadrature
Digital Upconverter (QDUC) in Point-to-Point Microwave
Transmit Systems. Analog Devices.
CN-0134, Broadband Low EVM Direct Conversion Transmitter.
Analog Devices.
CN-0147, Using the ADP150 LDO Regulators to Power the
ADF4350 PLL and VCO. Analog Devices.
Nash, Eamon. AN-1039 Application Note, Correcting
Imperfections in IQ Modulators to Improve RF Signal
Fidelity. Analog Devices.
Reeder, Rob, and Ramya Ramachandran. “Wideband A/D
Converter Front-End Design Considerations: When to
Use a Double Transformer Configuration.” Analog
Dialogue, 40-07.
Data Sheets and Evaluation Boards
ADF4351 Data Sheet
ADF4351 Evaluation Board
ADL5385 Data Sheet
ADL5385 Evaluation Board
ADP150 Data Sheet
ADP3334 Data Sheet
REVISION HISTORY
12/12—Revision 0: Initial Version
(Continued fromfirst page)Circuits from the Lab circuits are intended only for use with Analog Devices products and are the intellectual property of Analog Devices or its licensors. While you
may use the Circuits from the Lab circuits in the design of your product, no other license is granted by implication or otherwise under any patents or other intellectual property by
application or use of the Circuits from the Lab circuits. Information furnished by Analog Devices is believed to be accurate and reliable. However, Circuits from the Lab circuits are supplied
"as is" and without warranties of any kind, express, implied, or statutory including, but not limited to, any implied warranty of merchantability, noninfringement or fitness for a particular
purpose and no responsibility is assumed by Analog Devices for their use, nor for any infringements of patents or other rights of third parties that may result from their use. Analog Devices
reserves the right to change any Circuits from the Lab circuits at any time without notice but is under no obligation to do so.
©2012 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
CN11268-0-12/12(0)


Numéro de pièce similaire - ADP150

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADP150 AD-ADP150 Datasheet
620Kb / 20P
   Ultralow Noise, 150 mA CMOS Linear Regulator
REV. 0
ADP150 AD-ADP150 Datasheet
580Kb / 20P
   Ultralow Noise, 150 mA CMOS Linear Regulator
REV. A
ADP150 AD-ADP150 Datasheet
471Kb / 5P
   Broadband Low Error Vector Magnitude (EVM) Direct Conversion Transmitter
REV. 0
ADP150 AD-ADP150 Datasheet
248Kb / 8P
   Evaluating the CN-0285 Wideband Tx Modulator Solution
REV. 0
ADP150 AD-ADP150 Datasheet
238Kb / 4P
   Broadband Low Error Vector Magnitude Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. C
More results

Description similaire - ADP150

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
CN-0144 AD-CN-0144 Datasheet
238Kb / 4P
   Broadband Low Error Vector Magnitude Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. C
CN-0134 AD-CN-0134 Datasheet
404Kb / 5P
    Broadband Low Error Vector Magnitude (EVM) Direct Conversion Transmitter
REV. B
CN-0285 AD-CN-0285 Datasheet
471Kb / 5P
   Broadband Low Error Vector Magnitude (EVM) Direct Conversion Transmitter
REV. 0
logo
Merrimac Industries, In...
VMD-1Q-2.0G MERRIMAC-VMD-1Q-2.0G Datasheet
158Kb / 5P
   VECTOR MODULATOR
VM-MCM-1.9G MERRIMAC-VM-MCM-1.9G Datasheet
142Kb / 2P
   VECTOR MODULATOR
VMD-2Q-2.0G MERRIMAC-VMD-2Q-2.0G Datasheet
174Kb / 5P
   VECTOR MODULATOR
logo
Agilent(Hewlett-Packard...
HPMX-2007 HP-HPMX-2007 Datasheet
105Kb / 8P
   Vector Modulator/Mixer
logo
Peregrine Semiconductor...
PE9304 PEREGRINE-PE9304_15 Datasheet
216Kb / 6P
   Divide-by-2 Prescaler
logo
Hittite Microwave Corpo...
HMC791LC4B HITTITE-HMC791LC4B Datasheet
435Kb / 10P
   DIVIDE-BY-2, DIVIDE-BY-4 0.1 - 28 GHz
logo
Lucky Light Electronic
PE3511 LUCKY-LIGHT-PE3511_15 Datasheet
260Kb / 9P
   Divide-by-2 Prescaler
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com