Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA7500C Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce KA7500C
Description  SMPS Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7500C Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  KA7500C Datasheet HTML 1Page - Fairchild Semiconductor KA7500C Datasheet HTML 2Page - Fairchild Semiconductor KA7500C Datasheet HTML 3Page - Fairchild Semiconductor KA7500C Datasheet HTML 4Page - Fairchild Semiconductor KA7500C Datasheet HTML 5Page - Fairchild Semiconductor KA7500C Datasheet HTML 6Page - Fairchild Semiconductor KA7500C Datasheet HTML 7Page - Fairchild Semiconductor KA7500C Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
KA7500C
5
Typical Application
Pulse Width Modulated Step-down Converter
KA7500C
12
VCC
11
C2
8
C1
3
COMP INPUT
- 2
VREF 14
- 15
+ 1
+ 16
CT
5
RT
6
D.T
4
GND
7
E1
9
E2
10
O.C
13
KSA1010
VI =10V to 40V
1mH, 2A
VO=5V
IO=1A
GND
47
150
1M
5.1K
5.1K
5.1K
150
47K
0.001uF
+
50uF
50V
+
0.1
+
50uF
10V
0.1uF
+
500uF
10V


Numéro de pièce similaire - KA7500C

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA7500C FAIRCHILD-KA7500C Datasheet
358Kb / 8P
   SMPS Controller
logo
ON Semiconductor
KA7500C ONSEMI-KA7500C Datasheet
436Kb / 9P
   SMPS Controller
April 2009 Rev. 1.0.2
logo
Fairchild Semiconductor
KA7500CD FAIRCHILD-KA7500CD Datasheet
358Kb / 8P
   SMPS Controller
logo
ON Semiconductor
KA7500CD ONSEMI-KA7500CD Datasheet
436Kb / 9P
   SMPS Controller
April 2009 Rev. 1.0.2
logo
Fairchild Semiconductor
KA7500CDTF FAIRCHILD-KA7500CDTF Datasheet
358Kb / 8P
   SMPS Controller
More results

Description similaire - KA7500C

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
   SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
KA3842B FAIRCHILD-KA3842B_02 Datasheet
125Kb / 10P
   SMPS Controller
UC3842A FAIRCHILD-UC3842A Datasheet
42Kb / 8P
   SMPS Controller
logo
ARTSCHIP ELECTRONICS CO...
MC34063A ARTSCHIP-MC34063A Datasheet
334Kb / 10P
   SMPS Controller
logo
Fairchild Semiconductor
UC3842 FAIRCHILD-UC3842 Datasheet
127Kb / 12P
   SMPS Controller
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
   SMPS Controller
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
   SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
   SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com