Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA5L0165RN Fiches technique(PDF) 11 Page - Fairchild Semiconductor

No de pièce KA5L0165RN
Description  Fairchild Power Switch(FPS)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA5L0165RN Fiches technique(HTML) 11 Page - Fairchild Semiconductor

Back Button KA5L0165RN Datasheet HTML 4Page - Fairchild Semiconductor KA5L0165RN Datasheet HTML 5Page - Fairchild Semiconductor KA5L0165RN Datasheet HTML 6Page - Fairchild Semiconductor KA5L0165RN Datasheet HTML 7Page - Fairchild Semiconductor KA5L0165RN Datasheet HTML 8Page - Fairchild Semiconductor KA5L0165RN Datasheet HTML 9Page - Fairchild Semiconductor KA5L0165RN Datasheet HTML 10Page - Fairchild Semiconductor KA5L0165RN Datasheet HTML 11Page - Fairchild Semiconductor KA5L0165RN Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
KA5X0165RXX-SERIES
11
Ordering Information
TU : Non Forming Type
YDTU : Forming Type
Product Number
Package
Marking Code
BVDSS
FOSC
RDS(on)
KA5H0165RTU
TO-220F-4L
5H0165R
650V
100kHz
8
KA5H0165RYDTU
TO-220F-4L(Forming)
KA5M0165RTU
TO-220F-4L
5M0165R
650V
67kHz
8
KA5M0165RYDTU
TO-220F-4L(Forming)
KA5L0165RTU
TO-220F-4L
5L0165R
650V
50kHz
8
KA5L0165RYDTU
TO-220F-4L(Forming)
KA5H0165RN
8-DIP
5H0165R
650V
100kHz
8
KA5M0165RN
8-DIP
5M0165R
650V
67kHz
8
KA5L0165RN
8-DIP
5L0165R
650V
50kHz
8
Product Number
Package
Marking Code
BVDSS
FOSC
RDS(on)
KA5H0165RVN
8-DIP
5H0165RV
650V
100kHz
8


Numéro de pièce similaire - KA5L0165RN

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA5L0265 FAIRCHILD-KA5L0265 Datasheet
138Kb / 14P
   Fairchild Power Switch(FPS)
KA5L0265R FAIRCHILD-KA5L0265R Datasheet
138Kb / 14P
   Fairchild Power Switch(FPS)
logo
ON Semiconductor
KA5L0265R ONSEMI-KA5L0265R Datasheet
295Kb / 15P
   Power Switch
October-2017, Rev. 2
logo
Fairchild Semiconductor
KA5L0265RTU FAIRCHILD-KA5L0265RTU Datasheet
138Kb / 14P
   Fairchild Power Switch(FPS)
logo
ON Semiconductor
KA5L0265RTU ONSEMI-KA5L0265RTU Datasheet
295Kb / 15P
   Power Switch
October-2017, Rev. 2
More results

Description similaire - KA5L0165RN

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com