Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD1CIC0WEFJ-GTR Fiches technique(PDF) 6 Page - Rohm

No de pièce BD1CIC0WEFJ-GTR
Description  1A Variable Fixed Output LDO Regulators
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD1CIC0WEFJ-GTR Fiches technique(HTML) 6 Page - Rohm

Back Button BD1CIC0WEFJ-GTR Datasheet HTML 2Page - Rohm BD1CIC0WEFJ-GTR Datasheet HTML 3Page - Rohm BD1CIC0WEFJ-GTR Datasheet HTML 4Page - Rohm BD1CIC0WEFJ-GTR Datasheet HTML 5Page - Rohm BD1CIC0WEFJ-GTR Datasheet HTML 6Page - Rohm BD1CIC0WEFJ-GTR Datasheet HTML 7Page - Rohm BD1CIC0WEFJ-GTR Datasheet HTML 8Page - Rohm BD1CIC0WEFJ-GTR Datasheet HTML 9Page - Rohm BD1CIC0WEFJ-GTR Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6/23
BDxxIC0WEFJ / BDxxIC0WHFV
Datasheet
TSZ02201-0R6R0A600430-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
21.Dec.2012 Rev.002
●Typical Performance Curves
(Unless otherwise noted, Ta=25℃, EN=3V, VCC=3.3V, R1=16kΩ, R2=7.5kΩ)
Fig.3
Transient Response(0→1.0A)
Co=1.0µF
VO
IO
Fig.4
Transient Response(1.0→0A)
Co=1.0µF
VO
IO
VO
IO
Fig.5
Input sequence1
Co=1.0µF
VCC
VO
Fig.6
OFF sequence 1
Co=1.0µF
VCC
VO
VO
VO
IO
IO
VEN
VEN


Numéro de pièce similaire - BD1CIC0WEFJ-GTR

FabricantNo de pièceFiches techniqueDescription
logo
New Jersey Semi-Conduct...
BD1 NJSEMI-BD1 Datasheet
46Kb / 1P
   absolute maximum ratings
logo
ITT Industries
BD10 ITT-BD10 Datasheet
170Kb / 2P
   Standard Profile DIP Switches
logo
C&K Components
BD10 CK-COMPONENTS-BD10 Datasheet
122Kb / 2P
   Standard Profile DIP Switches
BD10 CK-COMPONENTS-BD10 Datasheet
174Kb / 2P
   Standard Profile DIP Switches
BD10 CK-COMPONENTS-BD10 Datasheet
279Kb / 3P
   Standard Profile DIP Switches
1999
More results

Description similaire - BD1CIC0WEFJ-GTR

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00GC0WEFJ-E2 ROHM-BD00GC0WEFJ-E2 Datasheet
476Kb / 22P
   1A Variable Fixed Output LDO Regulator
BD00HC5WEFJ ROHM-BD00HC5WEFJ_12 Datasheet
494Kb / 22P
   1.5A Variable Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com