Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N3227 Fiches technique(PDF) 3 Page - Comset Semiconductor

No de pièce 2N3227
Description  SILICON ANNULAR TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COMSET [Comset Semiconductor]
Site Internet  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N3227 Fiches technique(HTML) 3 Page - Comset Semiconductor

  2N3227_12 Datasheet HTML 1Page - Comset Semiconductor 2N3227_12 Datasheet HTML 2Page - Comset Semiconductor 2N3227_12 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NPN 2N3227
16/10/2012
COMSET SEMICONDUCTORS
3/3
MECHANICAL DATA CASE TO-18
Revised September 2012
         
Information furnished is believed to be accurate and reliable. However, Comset Semiconductors assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may results from its use. Data are subject to change
without notice. Comset Semiconductors makes no warranty, representation or guarantee regarding the suitability of its products for any particular
purpose, nor does Comset Semiconductors assume any liability arising out of the application or use of any product and specifically disclaims any
and all liability, including without limitation consequential or incidental damages. Comset Semiconductors’ products are not authorized for use as
critical components in life support devices or systems.
 
www.comsetsemi.com
info@comsetsemi.com
DIMENSIONS (mm)
min
max
A
12.7
-
B
-
0.49
C
0.9
-
D
-
5.3
E
-
4.9
F
-
5.8
G
2.54
-
H
-
1.2
I
-
1.16
L
45°
-
Pin 1 :
emitter
Pin 2 :
base
Pin 3 :
Collector
Case :
Collector


Numéro de pièce similaire - 2N3227_12

FabricantNo de pièceFiches techniqueDescription
logo
Semicoa Semiconductor
2N3227UB SEMICOA-2N3227UB Datasheet
235Kb / 2P
   Silicon NPN Transistor
2N3227 SEMICOA-2N3227_02 Datasheet
212Kb / 2P
   Silicon NPN Transistor
More results

Description similaire - 2N3227_12

FabricantNo de pièceFiches techniqueDescription
logo
Comset Semiconductor
2N3227 COMSET-2N3227 Datasheet
116Kb / 2P
   SILICON ANNULAR TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3137 NJSEMI-2N3137 Datasheet
133Kb / 1P
   NPN SILICON ANNULAR TRANSISTORS
2N4400 NJSEMI-2N4400 Datasheet
216Kb / 2P
   NPN SILICON ANNULAR TRANSISTORS
2N4406 NJSEMI-2N4406 Datasheet
242Kb / 2P
   PNP SILICON ANNULAR TRANSISTORS
logo
Motorola, Inc
BD505 MOTOROLA-BD505 Datasheet
77Kb / 2P
   NPN SILICON ANNULAR TRANSISTORS
logo
New Jersey Semi-Conduct...
MD7003 NJSEMI-MD7003 Datasheet
117Kb / 2P
   MULTIPLE SILICON ANNULAR TRANSISTORS
MPS3826 NJSEMI-MPS3826 Datasheet
71Kb / 2P
   NPN SILICON ANNULAR TRANSISTORS
MPS6565 NJSEMI-MPS6565 Datasheet
79Kb / 2P
   NPN SILICON ANNULAR TRANSISTORS
2N4851 NJSEMI-2N4851 Datasheet
165Kb / 1P
   SILICON ANNULAR UNIJUNCTION TRANSISTORS
2N4949 NJSEMI-2N4949 Datasheet
179Kb / 2P
   SILICON ANNULAR UNIJUNCTION TRANSISTORS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com