Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7740YRMZ Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD7740YRMZ
Description  3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7740YRMZ Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD7740YRMZ Datasheet HTML 3Page - Analog Devices AD7740YRMZ Datasheet HTML 4Page - Analog Devices AD7740YRMZ Datasheet HTML 5Page - Analog Devices AD7740YRMZ Datasheet HTML 6Page - Analog Devices AD7740YRMZ Datasheet HTML 7Page - Analog Devices AD7740YRMZ Datasheet HTML 8Page - Analog Devices AD7740YRMZ Datasheet HTML 9Page - Analog Devices AD7740YRMZ Datasheet HTML 10Page - Analog Devices AD7740YRMZ Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
–10–
Temperature Sensor Application
The AD7740 can be used with an AD22100S temperature
sensor to give a digital measure of ambient temperature. The
output voltage of the AD22100S is proportional to the tempera-
ture times the supply voltage. It uses a single 5 V supply, and its
output swings from 0.25 V at –50
°C to 4.75 V at +150°C. By
feeding its output through the AD7740, the value of ambient
temperature is converted into a digital pulse train. See Figure 12.
REFIN
AD7740
AD22100S
V+
CLKIN
CLKOUT
C1
C2
FOUT
GND
BUF
0.1 F
10 F
0.1 F
VIN
VDD
5V
10 F
Figure 12. Using the AD7740 with a Temperature Sensor
Due to its ratiometric nature this application provides an
extremely cost-effective solution. The need for an external pre-
cision reference is eliminated since the 5 V power-supply is used
as a reference to both the VFC and the AD22100S.
32 kHz Operation
The AD7740 oscillator circuit will not operate at 32 kHz. If
the user wishes to use a 32 kHz watch crystal, some additional
external circuitry is required. The circuit in Figure 13 is for a
crystal with a required drive of 1
µW. Resistors R1 and R2
reduce the power to this level.
R3
1M
CLKIN
R2
100k
R1
220k
32kHz
40106
40106
Figure 13. 32 kHz Watch Crystal Circuit
Power Supply Bypassing and Grounding
In any circuit where accuracy is important, careful consideration
of the power supply and ground return layout helps to ensure
the rated performance. The printed circuit board housing the
AD7740 should be designed such that the analog and digital
sections are separated and confined to certain areas of the board.
To minimize capacitive coupling between them, digital and
analog ground planes should only be joined in one place, close
to the AD7740, and should not overlap.
Avoid running digital lines under the device, as these will couple
noise onto the die. The analog ground plane should be allowed
to run under the AD7740 to avoid noise coupling. The power
supply lines to the AD7740 should use as large a trace as pos-
sible to provide low impedance paths and reduce the effects of
glitches on the power supply line. Fast switching signals like
clocks should be shielded with digital ground to avoid radiating
noise to other parts of the board, and clock signals should never
be run near analog inputs. Avoid crossover of digital and analog
signals. Traces on opposite sides of the board should run at right
angles to each other. This reduces the effect of feedthrough
through the board. A microstrip technique is by far the best but
is not always possible with a double-sided board. In this technique,
the component side of the board is dedicated to the ground plane
while the signal traces are placed on the solder side.
Good decoupling is also important. All analog supplies should
be decoupled to GND with surface mount capacitors, 10
µF in
parallel with 0.1
µF located as close to the package as possible,
ideally right up against the device. The lead lengths on the by-
pass capacitor should be as short as possible. It is essential that
these capacitors be placed physically close to the AD7740 to
minimize the inductance of the PCB trace between the capacitor
and the supply pin. The 10
µF are the tantalum bead type and
are located in the vicinity of the VFC to reduce low-frequency
ripple. The 0.1
µF capacitors should have low Effective Series
Resistance (ESR) and Effective Series Inductance (ESI), such
as the common ceramic types, which provide a low imped-
ance path to ground at high frequencies to handle transient
currents due to internal logic switching. Additionally, it is ben-
eficial to have large capacitors (> 47
µF) located at the point
where the power connects to the PCB.
AD7740
REV. A


Numéro de pièce similaire - AD7740YRMZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7740YRMZ AD-AD7740YRMZ Datasheet
327Kb / 13P
   Low Power, Synchronous Voltage-to-Frequency Converter
AD7740YRMZ-REEL AD-AD7740YRMZ-REEL Datasheet
327Kb / 13P
   Low Power, Synchronous Voltage-to-Frequency Converter
AD7740YRMZ-REEL7 AD-AD7740YRMZ-REEL7 Datasheet
327Kb / 13P
   Low Power, Synchronous Voltage-to-Frequency Converter
More results

Description similaire - AD7740YRMZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7740 AD-AD7740 Datasheet
144Kb / 11P
   3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter
REV. 0
AD7740YRTZ-REEL7 AD-AD7740YRTZ-REEL7 Datasheet
146Kb / 11P
   3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter
REV. A
AD7740 AD-AD7740_15 Datasheet
146Kb / 11P
   3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter
REV. A
AD7740KRMZ AD-AD7740KRMZ Datasheet
146Kb / 11P
   3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter
REV. A
AD7740KRMZ-REEL7 AD-AD7740KRMZ-REEL7 Datasheet
136Kb / 11P
   3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter
REV. A
AD7740 AD-AD7740_17 Datasheet
327Kb / 13P
   Low Power, Synchronous Voltage-to-Frequency Converter
logo
Burr-Brown (TI)
ADS1206 BURR-BROWN-ADS1206 Datasheet
158Kb / 8P
   LOW-POWER, SYNCHRONOUS VOLTAGE-TO-FREQUENCY CONVERTER
logo
Texas Instruments
LMR33630-Q1 TI1-LMR33630-Q1 Datasheet
2Mb / 47P
[Old version datasheet]   3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR33630-Q1 TI1-LMR33630-Q1_18 Datasheet
2Mb / 47P
[Old version datasheet]   3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR33630-Q1_1811 TI1-LMR33630-Q1_1811 Datasheet
2Mb / 44P
[Old version datasheet]   3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com