Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7684BRMZ Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD7684BRMZ
Description  16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7684BRMZ Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD7684BRMZ Datasheet HTML 6Page - Analog Devices AD7684BRMZ Datasheet HTML 7Page - Analog Devices AD7684BRMZ Datasheet HTML 8Page - Analog Devices AD7684BRMZ Datasheet HTML 9Page - Analog Devices AD7684BRMZ Datasheet HTML 10Page - Analog Devices AD7684BRMZ Datasheet HTML 11Page - Analog Devices AD7684BRMZ Datasheet HTML 12Page - Analog Devices AD7684BRMZ Datasheet HTML 13Page - Analog Devices AD7684BRMZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD7684
Rev. A | Page 10 of 16
13
14
15
16
17
80
85
90
95
100
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
REFERENCE VOLTAGE (V)
S/[N+D]
SNR
ENOB
Figure 13. SNR, SINAD, and ENOB vs. Reference Voltage
70
75
80
85
90
95
100
0
50
100
150
200
FREQUENCY (kHz)
VREF = 5V, –1dB
VREF = 2.5V, –1dB
VREF = 5V, –10dB
Figure 14. SINAD vs. Frequency
–115
–110
–105
–100
–95
–90
–85
–80
0
40
80
120
160
200
FREQUENCY (kHz)
VREF = 2.5V, –1dB
VREF = 5V, –1dB
Figure 15. THD vs. Frequency
0
200
400
600
800
1000
1200
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY (V)
fS = 100kSPS
Figure 16. Operating Current vs. Supply
0
200
400
600
800
1000
TEMPERATURE (
°C)
–55
–35
–15
5
25
45
65
85
105
125
VDD = 5V
VDD = 2.7V
Figure 17. Operating Current vs. Temperature
0
250
500
750
1000
TEMPERATURE (
°C)
–55
–35
–15
5
25
45
65
85
105
125
Figure 18. Power-Down Current vs. Temperature


Numéro de pièce similaire - AD7684BRMZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7684BRMZ AD-AD7684BRMZ Datasheet
334Kb / 17P
   16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
AD7684BRMZRL7 AD-AD7684BRMZRL7 Datasheet
334Kb / 17P
   16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
More results

Description similaire - AD7684BRMZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7684 AD-AD7684_17 Datasheet
334Kb / 17P
   16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
AD7684 AD-AD7684 Datasheet
452Kb / 16P
   16-Bit, 100 kSPS PulSAR Differential ADC in MSOP
REV. 0
AD7683 AD-AD7683 Datasheet
467Kb / 16P
   16-Bit, 100 kSPS PulSAR ADC in MSOP/QFN
REV. 0
AD7685 AD-AD7685 Datasheet
542Kb / 29P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
AD7686 AD-AD7686 Datasheet
566Kb / 29P
   16-Bit, 500 kSPS PulSAR ADC in MSOP
AD7694 AD-AD7694_17 Datasheet
360Kb / 17P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
AD7694 AD-AD7694_05 Datasheet
348Kb / 16P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. A
AD7694 AD-AD7694 Datasheet
448Kb / 16P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. 0
AD7694ARMZ AD-AD7694ARMZ Datasheet
348Kb / 16P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. A
AD7683BRMZ AD-AD7683BRMZ Datasheet
404Kb / 16P
   16-Bit, 100 kSPS, Single-Ended PulSAR ADC in MSOP/QFN
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com