Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KMA3D0N20SA Fiches technique(PDF) 2 Page - KEC(Korea Electronics)

No de pièce KMA3D0N20SA
Description  N-Ch Trench MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KMA3D0N20SA Fiches technique(HTML) 2 Page - KEC(Korea Electronics)

  KMA3D0N20SA Datasheet HTML 1Page - KEC(Korea Electronics) KMA3D0N20SA Datasheet HTML 2Page - KEC(Korea Electronics) KMA3D0N20SA Datasheet HTML 3Page - KEC(Korea Electronics) KMA3D0N20SA Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2009. 8. 17
2/4
KMA3D0N20SA
Revision No : 2
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Static
Drain to Source Breakdown Voltage
BVDSS
IDS=250μ
A, VGS=0V,
20
-
-
V
Drain Cut-off Current
IDSS
VGS=0V, VDS=16V
-
-
1
μA
Gate to Source Leakage Current
IGSS
VGS=±10V, VDS=0V
-
-
±100
nA
Gate to Source Threshold Voltage
Vth
VDS=VGS, ID=250μ
A
0.5
0.8
1.5
V
Drain to Source On Resistance
RDS(ON)
VGS=4.5V, ID=2.5A
(Note2)
-
38
55
m
VGS=2.5V, ID=1A
(Note2)
-
55
110
On State Drain Current
ID(ON)
VGS=4.5V, VDS=5V
(Note2)
12
-
-
A
Forward Transconductance
gfs
VDS=5V, ID=2.5A
(Note2)
-
6
-
S
Dynamic
Input Capaclitance
Ciss
VDS=10V, VGS= 0V, f=1MHz
-
280
-
pF
Ouput Capacitance
Coss
-
64
-
Reverse Transfer Capacitance
Crss
-
34
-
Total Gate Charge
Qg
VDS=10V, VGS=4.5V,
ID=2.5A
(Note2)
-
4.0
-
nC
Gate to Source Charge
Qgs
-
0.9
-
Gate to Drain Charge
Qgd
-
0.9
-
Turn-On Delay Time
td(on)
VDD=10V, VGS=4.5V
ID=1A, RG=6Ω
(Note2)
-
6.3
-
ns
Turn-On Rise Time
tr
-
7.0
-
Turn-Off Delay Time
td(off)
-
7.3
-
Turn-Off Fall Time
tf
-
6.2
-
Source-Drain Diode Ratings
Continuous Source Current
IS
-
-
-
3.0
A
Pulsed Source Current
ISP
-
(Note2)
-
-
12
A
Source to Drain Forward Voltage
VSDF
VGS=0V, IS=1.25A
-
-
1.2
V
NOTE 2) Pulse Test : Pulse width <300
㎲ , Duty cycle < 2%


Numéro de pièce similaire - KMA3D0N20SA

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KMA3D0N20SA KEC-KMA3D0N20SA Datasheet
472Kb / 5P
   N-Ch Trench MOSFET
KMA3D0N20SA KEC-KMA3D0N20SA_15 Datasheet
762Kb / 4P
   N-Ch Trench MOSFET
More results

Description similaire - KMA3D0N20SA

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KU2307K KEC-KU2307K Datasheet
80Kb / 4P
   N-Ch Trench MOSFET
KU2307Q KEC-KU2307Q Datasheet
59Kb / 4P
   N-Ch Trench MOSFET
KMB012N30QA KEC-KMB012N30QA_15 Datasheet
809Kb / 4P
   N-Ch Trench MOSFET
KMB7D0N40QA KEC-KMB7D0N40QA Datasheet
372Kb / 4P
   N-Ch Trench MOSFET
KMB3D5N40SA KEC-KMB3D5N40SA Datasheet
824Kb / 5P
   N-Ch Trench MOSFET
KMB054N45DA KEC-KMB054N45DA Datasheet
247Kb / 5P
   N-Ch Trench MOSFET
logo
KODENSHI_AUK CORP.
SNN4510D KODENSHI-SNN4510D Datasheet
416Kb / 8P
   N-Ch Trench MOSFET
logo
KEC(Korea Electronics)
KMB2D0N60SA KEC-KMB2D0N60SA Datasheet
471Kb / 5P
   N-Ch Trench MOSFET
KU048N03D KEC-KU048N03D Datasheet
70Kb / 4P
   N-Ch Trench MOSFET
KMB2D0N60SA KEC-KMB2D0N60SA_08 Datasheet
86Kb / 5P
   N-Ch Trench MOSFET
KMB012N30QA KEC-KMB012N30QA Datasheet
78Kb / 4P
   N-Ch Trench MOSFET
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com