Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS70-AU_L0_00001 Fiches technique(PDF) 2 Page - Pan Jit International Inc.

No de pièce BAS70-AU_L0_00001
Description  SURFACE MOUNT SCHOTTKY DIODES Fast switching speed
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS70-AU_L0_00001 Fiches technique(HTML) 2 Page - Pan Jit International Inc.

  BAS70-AU_L0_00001 Datasheet HTML 1Page - Pan Jit International Inc. BAS70-AU_L0_00001 Datasheet HTML 2Page - Pan Jit International Inc. BAS70-AU_L0_00001 Datasheet HTML 3Page - Pan Jit International Inc. BAS70-AU_L0_00001 Datasheet HTML 4Page - Pan Jit International Inc. BAS70-AU_L0_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
REV.0.2-FEB.10.2010
BAS70-AU SERIES
FIG. 1-TYPICAL FORWARD CHARACTERISTIC
FIG. 2-TYPICAL REVERSE CHARACTERISTICS
FIG. 4 FORWARD CURRENT DERATING
FIG. 3 TYPICAL JUNCTION CAPACITANCE
0
200
300
400
100
50
100
150
200
FORWARD VOLTAGE, Volts
REVERSE VOLTAGE, Volts
REVERSE VOLTAGE, Volts
AMBIENT TEMPERATURE( C)
O
0
0
0.4
0.8
1.2
10
20
30
40
0
0
0.01
0.1
1.0
10
100
10
20
30
40
T=25 C
A
O
T=75 C
A
O
T =125 C
A
O
0
0.1
1.0
10
100
0.4
0.6
0.8
T=25 C
A
O
ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS CURVE
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Units
Reverse Breakdown Voltage
V(BR)
I R=10 uA
70
--
--
V
Reverse Current
I R
VR=70 V
VR=50 V
--
--
1.0
0.1
μ
A
Forward Voltage
VF
I F=1.0mA
I F=10mA
I F=15mA
--
--
0.41
0.75
1.00
V
Maximum Junction Capacitance
CJ
VR=0V, f=1.0MHZ
--
--
2.0
pF


Numéro de pièce similaire - BAS70-AU_L0_00001

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
BAS70-AU PANJIT-BAS70-AU_16 Datasheet
256Kb / 6P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70-AU_R1_000A1 PANJIT-BAS70-AU_R1_000A1 Datasheet
256Kb / 6P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70-AU_R1_000A1 PANJIT-BAS70-AU_R1_000A1 Datasheet
197Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
July 26,2019-REV.06
BAS70-AU_R2_000A1 PANJIT-BAS70-AU_R2_000A1 Datasheet
256Kb / 6P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70-AU PANJIT-BAS70-AU_V01 Datasheet
197Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
July 26,2019-REV.06
More results

Description similaire - BAS70-AU_L0_00001

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
BAS40-AU PANJIT-BAS40-AU Datasheet
272Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES Fast switching speed
BAS16-AU PANJIT-BAS16-AU Datasheet
452Kb / 5P
   SURFACE MOUNT SWITCHING DIODES Fast switching speed
BAW56W-AU PANJIT-BAW56W-AU Datasheet
300Kb / 5P
   SURFACE MOUNT SWITCHING DIODES Fast switching speed
BAW56-AU PANJIT-BAW56-AU Datasheet
248Kb / 5P
   SURFACE MOUNT SWITCHING DIODES Fast switching speed
logo
Shenzhen Luguang Electr...
BAV99DW LUGUANG-BAV99DW Datasheet
312Kb / 2P
   Surface Mount Fast Switching Diodes
logo
Pan Jit International I...
LL4148 PANJIT-LL4148_09 Datasheet
89Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODES
LS4150 PANJIT-LS4150 Datasheet
90Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODES
logo
Galaxy Semi-Conductor H...
BAV99BRW BILIN-BAV99BRW_17 Datasheet
119Kb / 3P
   Surface Mount Fast Switching Diodes
BAV99S BILIN-BAV99S_17 Datasheet
121Kb / 3P
   Surface Mount Fast Switching Diodes
BAW56DW BILIN-BAW56DW_17 Datasheet
116Kb / 3P
   Surface Mount Fast Switching Diodes
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com