Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA3080BD Fiches technique(PDF) 11 Page - Fairchild Semiconductor

No de pièce KA3080BD
Description  3-Phase BLDC Motor Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3080BD Fiches technique(HTML) 11 Page - Fairchild Semiconductor

Back Button KA3080BD Datasheet HTML 7Page - Fairchild Semiconductor KA3080BD Datasheet HTML 8Page - Fairchild Semiconductor KA3080BD Datasheet HTML 9Page - Fairchild Semiconductor KA3080BD Datasheet HTML 10Page - Fairchild Semiconductor KA3080BD Datasheet HTML 11Page - Fairchild Semiconductor KA3080BD Datasheet HTML 12Page - Fairchild Semiconductor KA3080BD Datasheet HTML 13Page - Fairchild Semiconductor KA3080BD Datasheet HTML 14Page - Fairchild Semiconductor KA3080BD Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
KA3080/KA3080D/KA3080DM
11
Application Information (32-SDIPH:
Ο
Ο
Ο
Ο , 28-SSOPH: (#))
1. Hall Input
The input signal of the hall sensor requires larger amplitude than 100mVo-p. The operating voltage level of the hall sensor is
from 1.2V ~ VCC1-0.8V.
2. Output Current Detection
The RS (Output current sensing resistor ) is connected to GOUT and Approx. 0.5Ω, It converts motor current to a voltage
which is feedback amplifier.
3. Motor Speed Control (Input Current Limitation)
The maxmum output current is limitted by the ILIM (Current limiting) voltage.
If current limitation is not in use then connect it to VCC1.
The control gain is approx. 0.67A/V as follows.
GML =
∆IO / ∆VLIM = (IO2 − IO1) / (VLIM2 − VLIM1), where VLIM1 = 1.45V → Output current=IO1
VLIM2 = 1.55V
→ Output current=IO2
2
4
6
1
3
5
More than 1.7V
More than 100mVo-p
More than 1.3V
VCC1
(15)
(17)
(19)
(16)
(18)
(20)
16
13
14
15
11
12
(1) VCC2
(26) UOUT
(27) VOUT
(28) WOUT
RS (0.5
Ω)
(25 Pin)
(22 Pin)


Numéro de pièce similaire - KA3080BD

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA3082 FAIRCHILD-KA3082 Datasheet
109Kb / 12P
   Bi-Directional DC Motor Driver
logo
List of Unclassifed Man...
KA3082 ETC2-KA3082 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Fairchild Semiconductor
KA3082B FAIRCHILD-KA3082B Datasheet
109Kb / 12P
   Bi-Directional DC Motor Driver
KA3082N FAIRCHILD-KA3082N Datasheet
90Kb / 12P
   Bi-directional DC Motor Driver
KA3084 FAIRCHILD-KA3084 Datasheet
261Kb / 14P
   Bi-Directional DC Motor Driver
More results

Description similaire - KA3080BD

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
KA3011BD FAIRCHILD-KA3011BD Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
logo
KODENSHI_AUK CORP.
S3313 KODENSHI-S3313 Datasheet
464Kb / 17P
   3 phase BLDC Motor Driver IC
logo
Princeton Technology Co...
PT2431 PTC-PT2431 Datasheet
201Kb / 5P
   3-Phase Sensorless BLDC Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM6807 AMTEK-AM6807 Datasheet
648Kb / 29P
   3 Phase BLDC Motor Pre-Driver
JUN. 2008 V1.22
logo
Fairchild Semiconductor
FAN8400D FAIRCHILD-FAN8400D Datasheet
67Kb / 14P
   3-Phase BLDC Motor Driver with PLL
FAN8403D3 FAIRCHILD-FAN8403D3 Datasheet
80Kb / 12P
   3-Phase BLDC Motor Driver with PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com