Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA3082 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce KA3082
Description  Bi-Directional DC Motor Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3082 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  KA3082 Datasheet HTML 1Page - Fairchild Semiconductor KA3082 Datasheet HTML 2Page - Fairchild Semiconductor KA3082 Datasheet HTML 3Page - Fairchild Semiconductor KA3082 Datasheet HTML 4Page - Fairchild Semiconductor KA3082 Datasheet HTML 5Page - Fairchild Semiconductor KA3082 Datasheet HTML 6Page - Fairchild Semiconductor KA3082 Datasheet HTML 7Page - Fairchild Semiconductor KA3082 Datasheet HTML 8Page - Fairchild Semiconductor KA3082 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.2
Features
• Built-in Brake Function for Stable Brake Characteristics.
• Built-in Element to Absorb a Surge Current Derived From
Changing Motor Direction and Braking Motor Drive.
• Motor Speed Control by an External Voltage.
• Stable Motor Direction Change.
• Interfaces With CMOS Devices.
• Built-in the Thermal Shut Down Circuit (165
°C).
• Low Standby Current. (6.5mA)
Description
The KA3082 is a monolithic integrated circuit designed for
driving bi-directional DC motor with braking and speed
control, and it is suitable for the loading motor driver of
VCR, CDP, and TOY systems. The speed control can be
achieved by adjusting the external voltage of the speed
control pin. It has two pins of logic inputs for controlling the
forward/ reverse and braking.
10-SIP
Target Applications
• Video Cassette Recorder (VCR) Loading Motor
• Low Current DC Motor Such as Audio or Video
Equipment.
• General DC Motor
Ordering Information
Device
Package
Operating Temp.
KA3082B
10-SIP
-25
°C ~ +75°C
KA3082
Bi-Directional DC Motor Driver


Numéro de pièce similaire - KA3082

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
KA3082 ETC2-KA3082 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Fairchild Semiconductor
KA3082N FAIRCHILD-KA3082N Datasheet
90Kb / 12P
   Bi-directional DC Motor Driver
More results

Description similaire - KA3082

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA3084D FAIRCHILD-KA3084D Datasheet
261Kb / 14P
   Bi-Directional DC Motor Driver
FAN8082 FAIRCHILD-FAN8082 Datasheet
90Kb / 12P
   Bi-directional DC Motor Driver
logo
Interpion semiconductor
IP8082BL INTERPION-IP8082BL Datasheet
186Kb / 7P
   Bi-directional DC Motor Driver
JAN 2007
logo
Fairchild Semiconductor
KA8301L FAIRCHILD-KA8301L Datasheet
399Kb / 12P
   Bi-Directional DC Motor Driver
KA8301 FAIRCHILD-KA8301 Datasheet
393Kb / 13P
   Bi-Directional DC Motor Driver
FAN8082D FAIRCHILD-FAN8082D Datasheet
95Kb / 12P
   Bi-directional DC Motor Driver
logo
Elite Enterprises (H.K....
EMD811 ELITE-EMD811 Datasheet
98Kb / 3P
   BI-DIRECTIONAL DC MOTOR DRIVER
logo
List of Unclassifed Man...
AT5608 ETC-AT5608 Datasheet
206Kb / 7P
   Bi-directional Motor Driver
logo
Aimtron Technology
AT5609 AIMTRON-AT5609 Datasheet
174Kb / 5P
   Bi-directional Motor Driver
logo
Mitsubishi Electric Sem...
M54542L MITSUBISHI-M54542L Datasheet
149Kb / 3P
   BI-DIRECTIONAL MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com