Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA3080C Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce KA3080C
Description  3-Phase BLDC Motor Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3080C Fiches technique(HTML) 7 Page - Fairchild Semiconductor

Back Button KA3080C Datasheet HTML 3Page - Fairchild Semiconductor KA3080C Datasheet HTML 4Page - Fairchild Semiconductor KA3080C Datasheet HTML 5Page - Fairchild Semiconductor KA3080C Datasheet HTML 6Page - Fairchild Semiconductor KA3080C Datasheet HTML 7Page - Fairchild Semiconductor KA3080C Datasheet HTML 8Page - Fairchild Semiconductor KA3080C Datasheet HTML 9Page - Fairchild Semiconductor KA3080C Datasheet HTML 10Page - Fairchild Semiconductor KA3080C Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
KA3080/KA3080D/KA3080DM
7
Equivalent Circuits (32-SDIPH:
Ο , 28-SSOPH: (#)) (Continued)
Description
Pin No.
Internal Circuit
Speed Control
(Voltage Control)
32-SDIPH
20
28-SSOPH
5
Voltage Control
Reference
32-SDIPH
21
28-SSOPH
6
Torque Ripple
Control
32-SDIPH
31
28-SSOPH
13
Forward & Reverse
Control
32-SDIPH
32
28-SSOPH
14
20
VCC1
GOUT
(5Pin)
21
11
RS
(6Pin)
(22Pin)
Vcc1
31
RS
(13Pin)
Vcc1
32
1.25V
Vcc1


Numéro de pièce similaire - KA3080C

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA3082 FAIRCHILD-KA3082 Datasheet
109Kb / 12P
   Bi-Directional DC Motor Driver
logo
List of Unclassifed Man...
KA3082 ETC2-KA3082 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Fairchild Semiconductor
KA3082B FAIRCHILD-KA3082B Datasheet
109Kb / 12P
   Bi-Directional DC Motor Driver
KA3082N FAIRCHILD-KA3082N Datasheet
90Kb / 12P
   Bi-directional DC Motor Driver
KA3084 FAIRCHILD-KA3084 Datasheet
261Kb / 14P
   Bi-Directional DC Motor Driver
More results

Description similaire - KA3080C

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
KA3011BD FAIRCHILD-KA3011BD Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
logo
KODENSHI_AUK CORP.
S3313 KODENSHI-S3313 Datasheet
464Kb / 17P
   3 phase BLDC Motor Driver IC
logo
Princeton Technology Co...
PT2431 PTC-PT2431 Datasheet
201Kb / 5P
   3-Phase Sensorless BLDC Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM6807 AMTEK-AM6807 Datasheet
648Kb / 29P
   3 Phase BLDC Motor Pre-Driver
JUN. 2008 V1.22
logo
Fairchild Semiconductor
FAN8400D FAIRCHILD-FAN8400D Datasheet
67Kb / 14P
   3-Phase BLDC Motor Driver with PLL
FAN8403D3 FAIRCHILD-FAN8403D3 Datasheet
80Kb / 12P
   3-Phase BLDC Motor Driver with PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com