Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA3027D2 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce KA3027D2
Description  4-Channel Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3027D2 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  KA3027D2 Datasheet HTML 1Page - Fairchild Semiconductor KA3027D2 Datasheet HTML 2Page - Fairchild Semiconductor KA3027D2 Datasheet HTML 3Page - Fairchild Semiconductor KA3027D2 Datasheet HTML 4Page - Fairchild Semiconductor KA3027D2 Datasheet HTML 5Page - Fairchild Semiconductor KA3027D2 Datasheet HTML 6Page - Fairchild Semiconductor KA3027D2 Datasheet HTML 7Page - Fairchild Semiconductor KA3027D2 Datasheet HTML 8Page - Fairchild Semiconductor KA3027D2 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
©2000 Fairchild Semiconductor International
www.fairchildsemi.com
Rev. 1.0.1
February. 2000.
1
Features
• 3-Channel Balanced TransformerLess(BTL) driver
• 1-Channel forward-Reverse control DC motor driver
• Built-in thermal shutdown circuit
• Built-in mute circuit
• Operating supply voltage: 4.5~5.5V
• Corresponds to 3.3V or 5V DSP
Description
The KA3027D2 is a monolithic IC, suitable for a 1-ch (for-
ward.reverse) control DC motor driver and a 3-ch motor
driver which drives the focus actuator,tracking actuator, and
sled motor of a CD-media system.
28-SSOPH-300
Typical Applications
• Notebook compact disk ROM (CD-ROM)
• Other portable compact disk media
Ordering Information
Device
Package
Operating Temp.
KA3027D2
28-SSOPH-300
-35
°C ~ 85 °C
KA3027D2TF 28-SSOPH-300
-35
°C ~ 85 °C
KA3027D2
4-Channel Motor Driver


Numéro de pièce similaire - KA3027D2

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA3021D FAIRCHILD-KA3021D Datasheet
194Kb / 12P
   4-Channel Motor Driver
KA3021DTF FAIRCHILD-KA3021DTF Datasheet
194Kb / 12P
   4-Channel Motor Driver
KA3022D FAIRCHILD-KA3022D Datasheet
199Kb / 12P
   4-Channel Motor Driver
KA3022D3 FAIRCHILD-KA3022D3 Datasheet
199Kb / 12P
   4-Channel Motor Driver
KA3022D3TF FAIRCHILD-KA3022D3TF Datasheet
199Kb / 12P
   4-Channel Motor Driver
More results

Description similaire - KA3027D2

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
D5954 ETC1-D5954 Datasheet
419Kb / 6P
   4 CHANNEL DRIVER MOTOR DRIVER
logo
Fairchild Semiconductor
FAN8024ED FAIRCHILD-FAN8024ED Datasheet
187Kb / 12P
   4-Channel Motor Driver
KA3012D FAIRCHILD-KA3012D Datasheet
238Kb / 13P
   4-Channel Motor Driver
FAN8024BD FAIRCHILD-FAN8024BD Datasheet
160Kb / 10P
   4-Channel Motor Driver
FAN8040 FAIRCHILD-FAN8040 Datasheet
514Kb / 17P
   4-Channel Motor Driver
KA3021D FAIRCHILD-KA3021D Datasheet
194Kb / 12P
   4-Channel Motor Driver
FAN8024CD FAIRCHILD-FAN8024CD Datasheet
179Kb / 12P
   4-Channel Motor Driver
KA3022D FAIRCHILD-KA3022D Datasheet
199Kb / 12P
   4-Channel Motor Driver
FAN8024D FAIRCHILD-FAN8024D Datasheet
192Kb / 11P
   4-Channel Motor Driver
logo
Mitsubishi Electric Sem...
M56754SP MITSUBISHI-M56754SP Datasheet
898Kb / 7P
   4-CHANNEL ACTUATOR MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com