Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA239D Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce KA239D
Description  Quad Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA239D Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  KA239D Datasheet HTML 1Page - Fairchild Semiconductor KA239D Datasheet HTML 2Page - Fairchild Semiconductor KA239D Datasheet HTML 3Page - Fairchild Semiconductor KA239D Datasheet HTML 4Page - Fairchild Semiconductor KA239D Datasheet HTML 5Page - Fairchild Semiconductor KA239D Datasheet HTML 6Page - Fairchild Semiconductor KA239D Datasheet HTML 7Page - Fairchild Semiconductor KA239D Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.2
Features
• Single or Dual Supply Operation
• Wide Range of Supply Voltage
KA239/KA239A, KA339/KA339A, KA2901 : 2 ~ 36V
(or
±1 ~ ±18V)
KA3302 : 2 ~ 28V (or
±1 ~ ±14V)
• Low Supply Current Drain 800
µA Typ.
• Open Collector Outputs for Wired and Connectors
• Low Input Bias Current 25nA Typ.
• Low Input Offset Current
±2.3nA Typ.
• Low Input Offset Voltage
±1.4mV Typ.
• Input Common Mode Voltage Range Includes Ground.
• Low Output Saturation Voltage
• Output Compatible With TTL, DTL and MOS Logic
System
Description
The KA239/KA239A, KA339/KA339A, KA3302, KA2901
consist of four independent voltage comparators designed
to operate from single power supply over a wide voltage
range.
14-SOP
14-DIP
1
1
Internal Block Diagram
14
1
13
12
11
10
9
8
2
3
4
5
6
7
-
+
-
-
+
+
+
-
OUT3
OUT4
IN4(+)
GND
IN4(-)
IN3(+)
IN3(-)
OUT2
OUT1
IN1(+)
IN1(-)
IN2(-)
IN2(+)
VCC
KA239/KA239A,KA339/KA339A
KA3302,KA2901
Quad Comparator


Numéro de pièce similaire - KA239D

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KA2303 SAMSUNG-KA2303 Datasheet
187Kb / 3P
   LINEAR INTEGRATED CIRCUIT
KA236-2.5 SAMSUNG-KA236-2.5 Datasheet
51Kb / 4P
   PROGRAMMABLE SHUNT REGULATOR
More results

Description similaire - KA239D

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
MM54C909 NSC-MM54C909 Datasheet
322Kb / 5P
   QUAD COMPARATOR
logo
Rohm
BA10339 ROHM-BA10339 Datasheet
52Kb / 4P
   Quad comparator
logo
Mitsubishi Electric Sem...
M51209P MITSUBISHI-M51209P Datasheet
163Kb / 6P
   QUAD COMPARATOR
M5234P MITSUBISHI-M5234P Datasheet
94Kb / 3P
   QUAD COMPARATOR
logo
Fairchild Semiconductor
LM2901 FAIRCHILD-LM2901 Datasheet
86Kb / 8P
   Quad Comparator
logo
ON Semiconductor
KA339 ONSEMI-KA339 Datasheet
207Kb / 10P
   Quad Comparator
1/17/12 Rev. 1.0.5
logo
Renesas Technology Corp
M51924P RENESAS-M51924P Datasheet
1Mb / 5P
   QUAD COMPARATOR
logo
Ceramate Technical
CO339 CERAMATE-CO339 Datasheet
91Kb / 4P
   Quad Comparator
logo
Fairchild Semiconductor
KA339 FAIRCHILD-KA339_12 Datasheet
124Kb / 8P
   Quad Comparator
KA339DTF FAIRCHILD-KA339DTF Datasheet
124Kb / 8P
   Quad Comparator
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com