Moteur de recherche de fiches techniques de composants électroniques |
|
KA1H0265RYDTU Fiches technique(PDF) 2 Page - Fairchild Semiconductor |
|
KA1H0265RYDTU Fiches technique(HTML) 2 Page - Fairchild Semiconductor |
2 / 10 page KA1M0265R/KA1H0265R 2 Absolute Maximum Ratings Notes: 1. Tj = 25 °C to 150°C 2. Repetitive rating: Pulse width limited by maximum junction temperature 3. L = 51mH, VDD = 50V, RG = 25 Ω, starting Tj = 25°C Parameter Symbol Value Unit Maximum Drain Voltage (1) VD,MAX 650 V Drain-Gate Voltage (RGS=1M Ω)VDGR 650 V Gate-Source (GND) Voltage VGS ±30 V Drain Current Pulsed (2) IDM 8.0 ADC Single Pulsed Avalanche Energy (3) EAS 68 mJ Continuous Drain Current (TC=25 °C) ID 2.0 ADC Continuous Drain Current (TC=100 °C) ID 1.3 ADC Maximum Supply Voltage VCC,MAX 30 V Input Voltage Range VFB -0.3 to VSD V Total Power Dissipation PD 42 W Darting 0.33 W/ °C Operating Ambient Temperature TA -25 to +85 °C Storage Temperature TSTG -55 to +150 °C |
Numéro de pièce similaire - KA1H0265RYDTU |
|
Description similaire - KA1H0265RYDTU |