Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-250L-300E Fiches technique(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-250L-300E
Description  LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-250L-300E Fiches technique(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-250L-300E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-250L-300E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-250L-300E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-250L-300E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-250L-300E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-250L-300E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-250L-300E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-250L-300E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-250L-300E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Switching Specifications (AC)
Over Recommended Temperature (TA = 0˚C to +70˚C), VCC = 3.3 V, IF = 16 mA unless otherwise specified.
All typicals at VCC = 3.3 V, TA = 25°C.
Parameter
Sym.
Device
Min. Typ.*
Max.
Units
Test Conditions
Fig.
Note
Propagation
tPHL
0.35
1
µs
RL = 1.9 kΩ
7
8, 9
Delay Time to
Logic Low at
Output
Propagation
tPLH
0.65
1
µs
RL = 1.9 kΩ
7
8, 9
Delay Time to
Logic High at
Output
Common Mode |CMH|
1
kV/µs
RL = 4.1 kΩ
IF = 0 mA, TA = 25˚C,
8
7, 8, 9
Transient
RL = 1.9 kΩ
VCM = 10 Vp-p
Immunity at
CL = 15 pF
Logic High
Level Output
Common Mode |CML|
1
kV/µs
RL = 4.1 kΩ
IF = 16 mA, TA = 25˚C,
8
7, 8, 9
Transient
RL = 1.9 kΩ
VCM = 10 Vp-p
Immunity at
CL = 15 pF
Logic Low
Level Output
*All typicals at TA = 25˚C
Switching Specifications (AC)
Over Recommended Temperature (TA = 0°C to +70°C, VCC = 5 V, IF = 16mA, unless otherwise specified.
Parameter
Sym.
Device
Min. Typ.* Max. Units
Test Conditions
Fig.
Note
Propagation
Delay Time to
LogicLow at
Output
tPHL
0.2
0.8
μs
TA = 25°C,
RL= 1.9KΩ
7
8,9
Propagation De-
lay Time to Logic
High at Output
tPLH
0.6
0.8
μs
TA = 25°C,
RL = 1.9 kΩ
7
8,9
Common Mode
Transient Im-
munity at Logic
High Output
|CMH|
1
kV/μs RL = 1.9 kΩ
IF = 0 mA, TA = 25°C,
|VCM| = 10 Vp-p,
CL = 15 pF
8
7,8,9
Common Mode
Transient Immu-
nity at Logic Low
Output
|CML|
1
kV/μs RL = 1.9 kΩ
IF = 16 mA, TA = 25°C,
|VCM| = 10 Vp-p
8
7,8,9
*All typical values at TA = 25°C


Numéro de pièce similaire - HCPL-250L-300E

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-250L-060 HP-HCPL-250L-060 Datasheet
87Kb / 11P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
HCPL-250L-500 HP-HCPL-250L-500 Datasheet
87Kb / 11P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
HCPL-250L-XXXE HP-HCPL-250L-XXXE Datasheet
87Kb / 11P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
More results

Description similaire - HCPL-250L-300E

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-050L HP-HCPL-050L Datasheet
87Kb / 11P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
HCPL270L HP-HCPL270L Datasheet
184Kb / 12P
   Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L-500E AVAGO-HCPL-060L-500E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-000E AVAGO-HCPL-260L-000E Datasheet
216Kb / 20P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL260L HP-HCPL260L Datasheet
187Kb / 14P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W60L-000E AVAGO-ACPL-W60L-000E Datasheet
85Kb / 12P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-300 AVAGO-HCPL-260L-300 Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-070L-500E AVAGO-HCPL-070L-500E Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
logo
ON Semiconductor
NB3L83948C ONSEMI-NB3L83948C Datasheet
87Kb / 7P
   2.5 V / 3.3 V Differential and LVTTL/LVCMOS 2:1 MUX
November, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com