Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

J110 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce J110
Description  N-Channel Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

J110 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  J110 Datasheet HTML 1Page - Fairchild Semiconductor J110 Datasheet HTML 2Page - Fairchild Semiconductor J110 Datasheet HTML 3Page - Fairchild Semiconductor J110 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
ON CHARACTERISTICS
SMALL SIGNAL CHARACTERISTICS
IDSS
Zero-Gate Voltage Drain Current*
VDS = 15 V, IGS = 0
J108
J109
J110
80
40
10
mA
mA
mA
rDS(on)
Drain-Source On Resistance
VDS
≤ 0.1 V, V
GS = 0
J108
J109
J110
8.0
12
18
V(BR)GSS
Gate-Source Breakdown Voltage
IG = - 10
µA, VDS = 0
- 25
V
IGSS
Gate Reverse Current
VGS = - 15 V, VDS = 0
VGS = - 15 V, VDS = 0, TA = 100
°C
- 3.0
- 200
nA
nA
VGS(off)
Gate-Source Cutoff Voltage
VDS = 15 V, ID = 10 nA
J108
J109
J110
- 3.0
- 2.0
- 0.5
- 10
- 6.0
- 4.0
V
V
V
Cdg(on)
Csg(off)
Drain Gate & Source Gate On
Capacitance
VDS = 0, VGS = 0, f = 1.0 MHz
85
pF
Cdg(off)
Drain-Gate Off Capacitance
VDS = 0, VGS = - 10 V, f = 1.0 MHz
15
pF
Csg(off)
Source-Gate Off Capacitance
VDS = 0, VGS = - 10 V, f = 1.0 MHz
15
pF
Typical Characteristics
*Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%
N-Channel Switch
(continued)
Common Drain-Source
0
0.4
0.8
1.2
1.6
2
0
20
40
60
80
100
V
- DRAIN-SOURCE VOLTAGE (V)
DS
T
= 25°C
TYP V
= - 5.0 V
GS(off)
A
- 4.0 V
- 5.0 V
- 3.0 V
- 2.0 V
- 1.0 V
V
= 0 V
GS
Parameter Interactions
0.1
0.5
1
5
10
5
10
50
100
10
50
100
500
1,000
V
- GATE CUTOFF VOLTAGE (V)
GS (OFF)
I
@ V
= 5.0V, V
= 0 PULSED
r
@ V
= 100mV, V
= 0
V
@ V
= 5.0V, I
= 3.0 nA
GS(off)
DSS
r DS
I
DSS
DS
DS
D
GS
GS
DS
DS
__
_
_
_


Numéro de pièce similaire - J110

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
J110 PHILIPS-J110 Datasheet
45Kb / 7P
   N-channel silicon junction FETs
1996 Jul 30
logo
Calogic, LLC
J110 CALOGIC-J110 Datasheet
21Kb / 1P
   N-Channel JFET Switch
logo
InterFET Corporation
J110 INTERFET-J110 Datasheet
92Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
logo
Fairchild Semiconductor
J110 FAIRCHILD-J110 Datasheet
169Kb / 7P
   N-Channel Switch
logo
ON Semiconductor
J110 ONSEMI-J110 Datasheet
52Kb / 4P
   JFET ??General Purpose N?묬hannel ??Depletion
November, 2005 ??Rev. 6
More results

Description similaire - J110

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
J105 FAIRCHILD-J105_01 Datasheet
482Kb / 12P
   N-Channel Switch
PN4091 FAIRCHILD-PN4091 Datasheet
55Kb / 3P
   N-Channel Switch
PN4391 FAIRCHILD-PN4391 Datasheet
474Kb / 10P
   N-Channel Switch
PN5432 FAIRCHILD-PN5432 Datasheet
300Kb / 7P
   N-Channel Switch
U1898 FAIRCHILD-U1898 Datasheet
26Kb / 3P
   N-Channel Switch
MMBFJ110 FAIRCHILD-MMBFJ110_11 Datasheet
183Kb / 5P
   N-Channel Switch
J109D27Z FAIRCHILD-J109D27Z Datasheet
135Kb / 7P
   N-Channel Switch
logo
ON Semiconductor
J109 ONSEMI-J109 Datasheet
1Mb / 8P
   N-Channel Switch
October-2017, Rev. 3
logo
Fairchild Semiconductor
MMBF5434 FAIRCHILD-MMBF5434 Datasheet
73Kb / 4P
   N-Channel Switch
MMBFJ108 FAIRCHILD-MMBFJ108 Datasheet
169Kb / 7P
   N-Channel Switch
PF5103 FAIRCHILD-PF5103 Datasheet
151Kb / 6P
   N-Channel Switch
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com