Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD25GA3WNUX-E2 Fiches technique(PDF) 4 Page - Rohm

No de pièce BD25GA3WNUX-E2
Description  300mA Variable / Fixed Output LDO Regulators
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD25GA3WNUX-E2 Fiches technique(HTML) 4 Page - Rohm

  BD25GA3WNUX-E2 Datasheet HTML 1Page - Rohm BD25GA3WNUX-E2 Datasheet HTML 2Page - Rohm BD25GA3WNUX-E2 Datasheet HTML 3Page - Rohm BD25GA3WNUX-E2 Datasheet HTML 4Page - Rohm BD25GA3WNUX-E2 Datasheet HTML 5Page - Rohm BD25GA3WNUX-E2 Datasheet HTML 6Page - Rohm BD25GA3WNUX-E2 Datasheet HTML 7Page - Rohm BD25GA3WNUX-E2 Datasheet HTML 8Page - Rohm BD25GA3WNUX-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4/20
TSZ02201-0R6R0A600180-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
03.Dec.2012.Rev.002
BDxxGA3WEFJ / BDxxGA3WNUX
Datasheet
●Block Diagram
BDxxGA3WEFJ (Fixed type output voltage)
●Pin Configuration (TOP VIEW)
●Pin Description
Pin No.
Pin name
Pin Function
1
VO
Output pin
2
VO_S
Output voltage monitor pin
3
GND
GND pin
4
N.C.
No Connection (Connect to GND or leave OPEN)
5
EN
Enable pin
6
N.C.
No Connection (Connect to GND or leave OPEN)
7
N.C.
No Connection (Connect to GND or leave OPEN)
8
VCC
Input pin
Reverse
FIN
Substrate(Connect to GND)
GND
EN
TSD
OCP
SOFT
START
VO
VCC
VO_S
Figure 2. Block Diagram
8
7
6
5
1
2
3
4
(VSON008X2030)
VO_S
N.C.
VO
GND
EN
N.C.
N.C.
VCC
(HTSOP-J8)
8
7
6
5
1
2
3
4
VO
VO_S
GND
N.C.
EN
N.C.
N.C.
VCC


Numéro de pièce similaire - BD25GA3WNUX-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD25GA3WNUX-TR ROHM-BD25GA3WNUX-TR Datasheet
858Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
More results

Description similaire - BD25GA3WNUX-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD00HA3WEFJ ROHM-BD00HA3WEFJ_13 Datasheet
522Kb / 22P
   300mA Variable Fixed Output LDO Regulators
BDXXGA3WEFJ ROHM-BDXXGA3WEFJ Datasheet
858Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00HC5WEFJ ROHM-BD00HC5WEFJ_12 Datasheet
494Kb / 22P
   1.5A Variable Fixed Output LDO Regulators
BD00HC5WEFJ ROHM-BD00HC5WEFJ_13 Datasheet
494Kb / 22P
   1.5A Variable / Fixed Output LDO Regulators
BA3259HFP ROHM-BA3259HFP_12 Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BDXXGA5WEFJ ROHM-BDXXGA5WEFJ Datasheet
565Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
7.Feb.2013 Rev.002
BD00GA5WEFJ-E2 ROHM-BD00GA5WEFJ-E2 Datasheet
510Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
BA33E00WHFP-TR ROHM-BA33E00WHFP-TR Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com