Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA30GA3MEFJ-E2 Fiches technique(PDF) 3 Page - Rohm

No de pièce BA30GA3MEFJ-E2
Description  Automotive 300mA Variable Output LDO Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA30GA3MEFJ-E2 Fiches technique(HTML) 3 Page - Rohm

  BA30GA3MEFJ-E2 Datasheet HTML 1Page - Rohm BA30GA3MEFJ-E2 Datasheet HTML 2Page - Rohm BA30GA3MEFJ-E2 Datasheet HTML 3Page - Rohm BA30GA3MEFJ-E2 Datasheet HTML 4Page - Rohm BA30GA3MEFJ-E2 Datasheet HTML 5Page - Rohm BA30GA3MEFJ-E2 Datasheet HTML 6Page - Rohm BA30GA3MEFJ-E2 Datasheet HTML 7Page - Rohm BA30GA3MEFJ-E2 Datasheet HTML 8Page - Rohm BA30GA3MEFJ-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3/21
BDxxGA3MEFJ-M
Datasheet
TSZ02201-0R6R0AN00220-1-2
2012.8.31 Rev.001
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
●Block Diagram
BDxxGA3MEFJ-M
BDxxGA3MEFJ-M (Fixed type)
●Pin ConFigure uration
●Pin Description
Pin No.
Pin name
Pin Function
1
VO
Output pin
2
FB/Vo_s
Feedback pin
3
GND
GND pin
4
N.C.
Non Connection (Used to connect GND or OPEN state.)
5
EN
Enable pin
6
N.C.
Non Connection (Used to connect GND or OPEN state.)
7
N.C.
Non Connection (Used to connect GND or OPEN state.)
8
VCC
Input pin
Reverse
FIN
Substrate(Connect to GND)
Figure 1. Block Diagram
Figure 2. Block Diagram (Fixed type)
FIN
GND
EN
Ceramic
Capacitor
VO
VCC
VO_S
Ceramic
Capacitor
≧ 1.0
μF
≧ 1.0
μF
4.5~14.0V
TSD
8
1
3
5
2
OCP
SOFT
START
GND
EN
TSD
8
1
3
5
2
OCP
SOFT
START
Ceramic
Capacitor
Vo
VCC
FB
R1
R2
Ceramic
Capacitor
≧ 1.0
μF
≧ 1.0
μF
1.5V to 13.0V
(VO+0.90) to 14.0V
TOP VIEW
VO
GND
N.C.
N.C.
N.C.
EN
VCC
FB/Vo_s


Numéro de pièce similaire - BA30GA3MEFJ-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA301 ROHM-BA301 Datasheet
121Kb / 3P
   Monolithic IGs
logo
List of Unclassifed Man...
BA301 ETC2-BA301 Datasheet
2Mb / 31P
   SEMICONDUCTORS
BA301 ETC-BA301 Datasheet
45Kb / 2P
   BA/BC Series: 1.5 - 6.0 Watts Single and Dual Outputs
logo
Shenzhen Bencent Electr...
BA301N BENCENT-BA301N Datasheet
206Kb / 3P
   Gas Discharge Tube
BA301N-D BENCENT-BA301N-D Datasheet
259Kb / 3P
   Low Capacitance and Insertion Loss
More results

Description similaire - BA30GA3MEFJ-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BDXXGA3MEFJ-M ROHM-BDXXGA3MEFJ-M Datasheet
997Kb / 24P
   Automotive 300mA Variable Output LDO Regulator
2021.10.11 Rev.002
BA3662CP-V5 ROHM-BA3662CP-V5_12 Datasheet
395Kb / 17P
   300mA Variable Output LDO Regulator
BA3662CP-V5_1010 ROHM-BA3662CP-V5_1010 Datasheet
423Kb / 12P
   300mA Standard Variable Output LDO Regulator
BD00GA3MEFJ-LB ROHM-BD00GA3MEFJ-LB Datasheet
788Kb / 24P
   300mA Variable Output Industrial LDO Regulator
BD00GC0MEFJ-M ROHM-BD00GC0MEFJ-M Datasheet
621Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
BD00HA3MEFJ-ME2 ROHM-BD00HA3MEFJ-ME2 Datasheet
609Kb / 24P
   Automotive 0.3A Variable Output LDO Regulator
BD00HA5MEFJ-M ROHM-BD00HA5MEFJ-M Datasheet
710Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
BD00IA5MHFV-M ROHM-BD00IA5MHFV-M Datasheet
2Mb / 31P
   Automotive 0.5A Variable Output LDO Regulator
BDXXGA5MEFJ-M ROHM-BDXXGA5MEFJ-M Datasheet
1Mb / 24P
   Automotive 0.5A Variable Output LDO Regulator
2021.10.11 Rev.002
BDXXIA5MEFJ-M ROHM-BDXXIA5MEFJ-M Datasheet
949Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
2021.10.11 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com