Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA18GA3MEFJ-E2 Fiches technique(PDF) 4 Page - Rohm

No de pièce BA18GA3MEFJ-E2
Description  Automotive 300mA Variable Output LDO Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA18GA3MEFJ-E2 Fiches technique(HTML) 4 Page - Rohm

  BA18GA3MEFJ-E2 Datasheet HTML 1Page - Rohm BA18GA3MEFJ-E2 Datasheet HTML 2Page - Rohm BA18GA3MEFJ-E2 Datasheet HTML 3Page - Rohm BA18GA3MEFJ-E2 Datasheet HTML 4Page - Rohm BA18GA3MEFJ-E2 Datasheet HTML 5Page - Rohm BA18GA3MEFJ-E2 Datasheet HTML 6Page - Rohm BA18GA3MEFJ-E2 Datasheet HTML 7Page - Rohm BA18GA3MEFJ-E2 Datasheet HTML 8Page - Rohm BA18GA3MEFJ-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4/21
BDxxGA3MEFJ-M
Datasheet
TSZ02201-0R6R0AN00220-1-2
2012.8.31 Rev.001
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
●Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Limits
Unit
Power supply voltage
VCC
15.0 *
1
V
EN voltage
VEN
15.0
V
Power dissipation
HTSOP-J8
Pd
*2
2110
*2
mW
Operating Temperature Range
Topr
-40 to +105
Storage Temperature Range
Tstg
-55 to +150
Junction Temperature
Tjmax
+150
*1 Not to exceed Pd
*2 Reduced by 16.9mW/℃ for each increase in Ta of 1℃ over 25℃. (when mounted on a board 70mm×70mm×1.6mm glass-epoxy board, two layer)
●Recommended Operating Ratings (Ta=25℃)
Parameter
Symbol
Min.
Max.
Unit
Input power supply voltage
VCC
4.5
14.0
V
EN voltage
VEN
0.0
14.0
V
Output voltage setting range
VO
1.5
13.0
V
Output current
IO
0.0
0.3
A
●Electrical Characteristics (Unless otherwise noted, EN=3V, Vcc=6V, R1=43kΩ, R2=8.2kΩ)
Parameter
Symbol
Temp
Min.
Typ.
Max.
Unit
Conditions
25℃
-
0
5
Circuit current at shutdown
mode
ISD
-40~105℃
-
-
5
μA
VEN=0V, OFF mode
25℃
-
600
900
Bias current
ICC
-40~105℃
-
-
1200
μA
25℃
-
25
50
Line regulation
Reg.I
-40~105℃
-
-
50
mV
VCC =( Vo+0.9V )→14.0V
25℃
-
25
75
Load regulation
Reg IO
-40~105℃
-
-
75
mV
IO=0→0.3A
25℃
-
0.6
0.9
Minimum dropout Voltage
VCO
-40~105℃
-
-
1.2
V
VCC=5V, IO=0.3A
25℃
0.792
0.800
0.808
Output reference voltage
(Variable type)
VFB
-40~105℃
0.776
-
0.824
V
IO=0mA
25℃
Vo×0.99
Vo
Vo×1.01
Output voltage(Fixed type)
VO
-40~105℃
Vo×0.97
Vo
Vo×1.03
V
IO=0mA
25℃
0
-
0.8
EN Low voltage
VEN(Low)
-40~105℃
0
-
0.8
V
25℃
2.4
-
14.0
EN High voltage
VEN(High)
-40~105℃
2.4
-
14.0
V
25℃
1
3
9
EN Bias current
IEN
-40~105℃
-
-
9
µA


Numéro de pièce similaire - BA18GA3MEFJ-E2

FabricantNo de pièceFiches techniqueDescription
logo
New Jersey Semi-Conduct...
BA180 NJSEMI-BA180 Datasheet
351Kb / 1P
   TRANSIENT VOLTAGE SUPPRESSOR
BA180 NJSEMI-BA180 Datasheet
351Kb / 1P
   General Purpose Diodes
BA180 NJSEMI-BA180 Datasheet
351Kb / 1P
   GENERAL PURPOSE DIODES
BA180 NJSEMI-BA180 Datasheet
351Kb / 1P
   General Purpose Diodes
BA180 NJSEMI-BA180 Datasheet
351Kb / 1P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Description similaire - BA18GA3MEFJ-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BDXXGA3MEFJ-M ROHM-BDXXGA3MEFJ-M Datasheet
997Kb / 24P
   Automotive 300mA Variable Output LDO Regulator
2021.10.11 Rev.002
BA3662CP-V5 ROHM-BA3662CP-V5_12 Datasheet
395Kb / 17P
   300mA Variable Output LDO Regulator
BA3662CP-V5_1010 ROHM-BA3662CP-V5_1010 Datasheet
423Kb / 12P
   300mA Standard Variable Output LDO Regulator
BD00GA3MEFJ-LB ROHM-BD00GA3MEFJ-LB Datasheet
788Kb / 24P
   300mA Variable Output Industrial LDO Regulator
BD00GC0MEFJ-M ROHM-BD00GC0MEFJ-M Datasheet
621Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
BD00HA3MEFJ-ME2 ROHM-BD00HA3MEFJ-ME2 Datasheet
609Kb / 24P
   Automotive 0.3A Variable Output LDO Regulator
BD00HA5MEFJ-M ROHM-BD00HA5MEFJ-M Datasheet
710Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
BD00IA5MHFV-M ROHM-BD00IA5MHFV-M Datasheet
2Mb / 31P
   Automotive 0.5A Variable Output LDO Regulator
BDXXGA5MEFJ-M ROHM-BDXXGA5MEFJ-M Datasheet
1Mb / 24P
   Automotive 0.5A Variable Output LDO Regulator
2021.10.11 Rev.002
BDXXIA5MEFJ-M ROHM-BDXXIA5MEFJ-M Datasheet
949Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
2021.10.11 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com