Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM27151T-3.3 Fiches technique(PDF) 6 Page - HTC Korea TAEJIN Technology Co.

No de pièce LM27151T-3.3
Description  1.5A Very L.D.O Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HTC [HTC Korea TAEJIN Technology Co.]
Site Internet  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM27151T-3.3 Fiches technique(HTML) 6 Page - HTC Korea TAEJIN Technology Co.

Back Button LM27151T-3.3 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM27151T-3.3 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM27151T-3.3 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM27151T-3.3 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM27151T-3.3 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM27151T-3.3 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM27151T-3.3 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM27151T-3.3 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM27151T-3.3 Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
1.5A Very L.D.O Voltage Regulator
LM27150/27151/27152
Dec. 2011 – Rev.1.3.1
- 6
-
HTC
ELECTRICAL CHARACTERISTICS
IOUT =100mA, TJ=25℃, unless otherwise specified. Bold values are guaranteed across the operating temperature range.
Adjustable versions are programmed to 5.0V.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOUT
Output Voltage
IO = 10mA
-1
1
%
10mA≤IO≤ IFL, (VOUT+1V)≤VIN≤26V
-2
2
ΔVLINE
Line Regulation
IO = 10mA, (VOUT+1V)≤VIN≤26V
0.06
0.5
%
ΔVLOAD
Load Regulation
VIN=VOUT+5V,
10mA≤IOUT≤IFULLOAD
(Note 1)
0.2
1
%
ΔVo/ΔT
Output Voltage Temp.
Coefficient
Output Voltage
(Note 2),
Temp. Coefficient
20
100
ppm/℃
VDO
Dropout Voltage
ΔVOUT = -1%,
(Note 1.3)
IO =100mA
IO =750mA
IO =1.5A
100
250
350
200
600
mV
IGND
Ground Current
IO =750mA, VIN =VOUT+1V
(Note 1.4)
IO =1.5A
8
22
20
mA
IGNDDO
Ground Pin Current at
Dropout
VIN =0.5V less than specified VOUT,
IOUT =10mA
(Note 5)
2
mA
ILIMIT
Current Limit
LM27150, VOUT = 0V
(Note 1)
2.1
3.5
A
en
Output Noise Voltage
(10Hz to 100kHz)
IL = 100mA
CL =10μF
CL =33μF
400
260
μVRMS
Flag Output (Error Comparator) LM27151
IFLG (leak)
Output Leakage Current
VOH =26V
0.01
1.00
2.00
μA
VFLG (do)
Output Low Voltage
Device set for 5V. VIN =4.5V
IOL =250μA
(Note 5)
220
300
400
mV
VFLG
Upper Threshold Voltage
Device set for 5V
(Note 5)
40
25
60
mV
Lower Threshold Voltage
Device set for 5V
(Note 5)
75
95
140
mV
Hysteresis
Device set for 5V
(Note 5)
15
mV


Numéro de pièce similaire - LM27151T-3.3

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2715 NSC-LM2715 Datasheet
752Kb / 20P
   TFT Panel Module
LM2715 NSC-LM2715 Datasheet
1Mb / 22P
   TFT Panel Module
LM2715MT-ADJ NSC-LM2715MT-ADJ Datasheet
752Kb / 20P
   TFT Panel Module
LM2715MT-ADJ NSC-LM2715MT-ADJ Datasheet
1Mb / 22P
   TFT Panel Module
LM2715MTX-ADJ NSC-LM2715MTX-ADJ Datasheet
752Kb / 20P
   TFT Panel Module
More results

Description similaire - LM27151T-3.3

FabricantNo de pièceFiches techniqueDescription
logo
HTC Korea TAEJIN Techno...
LM29150 HTC-LM29150 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
LM39100 HTC-LM39100_10 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150_09 Datasheet
806Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM1086 HTC-LM1086 Datasheet
177Kb / 8P
   1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1117S HTC-LM1117S Datasheet
175Kb / 11P
   1A L.D.O. VOLTAGE REGULATOR
LM1589 HTC-LM1589 Datasheet
147Kb / 4P
   2.7A, 1.2V L.D.O. VOLTAGE REGULATOR
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
   5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1085 HTC-LM1085 Datasheet
311Kb / 8P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
List of Unclassifed Man...
LM1085 ETC2-LM1085 Datasheet
85Kb / 2P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
STMicroelectronics
LD49150 STMICROELECTRONICS-LD49150 Datasheet
609Kb / 20P
   1.5A Very low drop for low output voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com